Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7293 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7293 Datasheet HTML 15Page - Analog Devices AD7293 Datasheet HTML 16Page - Analog Devices AD7293 Datasheet HTML 17Page - Analog Devices AD7293 Datasheet HTML 18Page - Analog Devices AD7293 Datasheet HTML 19Page - Analog Devices AD7293 Datasheet HTML 20Page - Analog Devices AD7293 Datasheet HTML 21Page - Analog Devices AD7293 Datasheet HTML 22Page - Analog Devices AD7293 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 79 page
background image
Data Sheet
AD7293
Rev. D | Page 19 of 79
–4.65
–5.05
–5.00
–4.95
–4.90
–4.85
–4.80
–4.75
–4.70
–16
–14
–12
–10
–8
–6
–4
–2
0
LOAD CURRENT (mA)
–5V TO 0V, CODE 246 (ZERO SCALE + 300mV)
–5V TO 0V, CODE 0 (ZERO SCALE)
Figure 20. BI-VOUT0 Output Voltage (Zero Scale) vs. Load Current
6
–6
–4
–2
0
2
4
–80
–60
–40
–20
0
20
40
60
80
LOAD CURRENT (mA)
BI-VOUT0 0/4 SCALE
BI-VOUT0 1/4 SCALE
BI-VOUT0 2/4 SCALE
BI-VOUT0 3/4 SCALE
BI-VOUT0 4/4 SCALE
Figure 21. BI-VOUT0 Output Voltage vs. Load Current
500
–500
–400
–300
–200
–100
0
100
200
300
400
–40
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
UNIPOLAR GAIN ERROR, +2.5V TO +7.5V
UNIPOLAR GAIN ERROR, +5V TO +10V
UNIPOLAR GAIN ERROR, 0V TO +5V
BIPOLAR GAIN ERROR, 0V TO +5V
BIPOLAR GAIN ERROR, –4V TO +1V
BIPOLAR GAIN ERROR, –5V TO 0V
Figure 22. DAC Gain Error vs. Temperature
16
–4
–2
0
2
4
6
8
10
12
14
–40
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
UNIPOLAR OFFSET ERROR 0V TO +5V
UNIPOLAR OFFSET ERROR +2.5V TO +7.5V
UNIPOLAR OFFSET ERROR +5V TO +10V
BIPOLAR OFFSET ERROR 0V TO +5V
BIPOLAR OFFSET ERROR –4V TO +1V
BIPOLAR OFFSET ERROR –5V TO 0V
Figure 23. DAC Offset Error vs. Temperature
12
11
10
9
8
7
6
5
4
3
2
1
0
–1
–4.45
–5.10
–5.05
–5.00
–4.95
–4.90
–4.85
–4.80
–4.75
–4.70
–4.65
–4.60
–4.55
–4.50
0
5
10
15
20
25
30
35
40
TIME (ms)
AVDD
PA_ON
AVSS
DAC BIPOLAR OUTPUT
Figure 24. Bipolar DAC Response to AVDD Failure
10
5
0
–5
–10
–15
–20
0
500
1000
1500
2000
2500
3000
3500
4000
CODE
UNIPOLAR, 0V TO 5V, HIGH TO LOW
UNIPOLAR, 5V TO 10V, LOW TO HIGH
UNIPOLAR, 0V TO 5V, LOW TO HIGH
BIPOLAR, 0V TO 5V, HIGH TO LOW
UNIPOLAR, 5V TO 10V, HIGH TO LOW
BIPOLAR, 0V TO 5V, LOW TO HIGH
Figure 25. DAC Glitch Energy vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com