Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7293 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7293 Datasheet HTML 25Page - Analog Devices AD7293 Datasheet HTML 26Page - Analog Devices AD7293 Datasheet HTML 27Page - Analog Devices AD7293 Datasheet HTML 28Page - Analog Devices AD7293 Datasheet HTML 29Page - Analog Devices AD7293 Datasheet HTML 30Page - Analog Devices AD7293 Datasheet HTML 31Page - Analog Devices AD7293 Datasheet HTML 32Page - Analog Devices AD7293 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 79 page
background image
Data Sheet
AD7293
Rev. D | Page 29 of 79
Closed-Loop Integrator Programmable Voltage Limit
The AD7293 ADC can monitor the voltage at the output of the
integrator by writing to a register (Register 0x23) from the
configuration page (see Table 46).
The integrator voltage limit feature allows the user to set upper
and lower limits on the integrator output voltage in closed-loop
mode of operation. When the integrator limit is active, the
integrator pauses and the output voltage holds constant. The
polarity of the error amplifier (comparison between measured
current and target current) determines when it is safe to deactivate
the soft limit. For example, a lower target current is programmed,
which makes the integrator output decrease, making it safe to
deactivate the integrator limit.
It is recommended to use the hysteresis registers (see Table 66
and Table 69) to avoid the device switching in and out of the
alert condition close to the limits. Additionally, the integrator
limit feature can be made a function of the upper/lower limits
only by ignoring the polarity of the error amplifier (via D2 of
the general register (Register 0x14) from the configuration page).
The integrator limit feature does not enable by default and can
be enabled by writing to the integrator limit and closed-loop
control register (Register 0x28).
Closed-Loop Range Upper Voltage Limit
An analog circuit within the output integrator creates a
hardware range upper limit on the output voltage of either 0 V or
1 V, as shown in Table 19. If the hardware limiting circuitry is
active, an alert appears on the INTLIMITx and AVSS/AVDD alert
register (Register 0x1A). See the INTLIMITx and AVSS/AVDD
Alert Register (Register 0x1A) section.
Table 19. Closed-Loop Range Upper Voltage Limit
Operation
Bipolar DAC Range (V)
Range Limit
Open Loop
X = don’t care
Off
Closed Loop
0 to +5
Off
Closed Loop
−4 to +1
On (1 V)
Closed Loop
−5 to 0
On (0 V)
DIGITAL INPUT/OUTPUT REGISTERS
Eight pins can be set as GPIOs or can perform various digital
functions. Three registers located on the configuration page set
up the functionality of the GPIO interface. GPIO0 to GPIO3
default to the GPIOs on power-up. ALERT1, SLEEP0, SLEEP1,
and LDAC default to digital functions on power-up.
The GPIO register (Register 0x5) configures the GPIOs in the
device. In GPIO mode, and with the output drivers enabled, the
GPIO outputs reflect the value written to this register. In
functional mode, any write to this register has no effect on the
GPIO outputs. See the GPIO Register (Register 0x05) section.
The digital output enable register (Register 0x11) enables the
output drivers of the GPIO pins; therefore, when using one of
the pins as an output in GPIO mode or functional mode (for
alerts and busy), the corresponding bit must be set. See the
Digital Output Enable Register (Register 0x11) section.
The digital input/output function register (Register 0x12) allows the
user to put the relevant pin into GPIO mode or functional mode.
See the Digital Input/Output Function Register (Register 0x12)
section.
The digital functional polarity register (Register 0x13) sets the
polarity of the digital input/output pins in functional mode only.
The associated input/output signal can be made active low or
active high. See the Digital Functional Polarity Register
(Register 0x13) section.
LOAD DAC (LDAC PIN)
The AD7293 DACs have doubled buffered interfaces consisting
of two banks of registers: input registers and DAC registers. The
user can write to any combination of the input registers. If the
load bit is held high when writing to a DAC, updates to the
DAC register are controlled by the LDAC pin.
Instantaneous DAC Updating (Asynchronous)
In this operation mode, the SPI data is clocked into the DAC
input register on the rising edge of the SCLK. The output register is
updated, and the output begins to change. Instantaneous DAC
updating is only applicable when the load bit is not set when
writing to the DAC register. Hold the LDAC pin in its false state.
Deferred DAC Updating (Synchronous)
In this mode, the SPI data is clocked into the DAC input registers
on the rising edge of the SCLK. However, the update of the
output registers can be blocked during the SPI write by setting
the load bit. The output registers can be synchronously updated
(data is transferred from the DAC input register to the DAC
output register) by taking the LDAC pin to its true state.
ALERTS AND LIMITS
The high and low limit pages comprise registers that set the
high and low alerts for the analog input channels, the current
sensors, the internal supply monitoring channels, the internal
bipolar DAC monitoring channels, and the RSx+ monitoring
channels. Each register is 16 bits in length; values are 12-bit, left
justified (padded with 0s as the four LSBs). On power-up, the
low limit registers contain all zeros, whereas the high limit
registers contain 0xFFF0.
The alert high limit registers on Page 0x04 (High Limit 0) and
Page 0x05 (High Limit 1) store the upper limit that activates an
alert (see the High Limit 0 (Page 0x04) section and the High Limit
1 (Page 0x05) section). If the conversion result is greater than the
value in the alert high limit register, an alert triggers. The alert low
registers on Page 0x06 (Low Limit 0) and Page 0x07 (Low Limit 1)
store the low limit that activates an alert (see the Low Limit 0
(Page 0x06) section and the Low Limit 1 (Page 0x07) section). If
the conversion result is less than the value in the alert low limit
register, an alert triggers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com