Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7293 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7293 Datasheet HTML 2Page - Analog Devices AD7293 Datasheet HTML 3Page - Analog Devices AD7293 Datasheet HTML 4Page - Analog Devices AD7293 Datasheet HTML 5Page - Analog Devices AD7293 Datasheet HTML 6Page - Analog Devices AD7293 Datasheet HTML 7Page - Analog Devices AD7293 Datasheet HTML 8Page - Analog Devices AD7293 Datasheet HTML 9Page - Analog Devices AD7293 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 79 page
background image
AD7293
Data Sheet
Rev. D | Page 6 of 79
SPECIFICATIONS
ADC
AVDD, DVDD, DACVDD-BI = 4.5 V to 5.5 V (connect AVDD and DACVDD-BI to the same potential), DACVDD-UNI = 5 V, AVSS = −5 V, PAVDD =
5 V, AGND = DGND = 0 V, VREFIN = 2.5 V internal or external; VDRIVE = 1.7 V to 5.5 V; TA = −40°C to +125°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity (INL)
±0.5
±1
LSB
Differential Nonlinearity (DNL)
±0.5
±0.99
LSB
No missing codes
Single-Ended Mode
Zero Code Error
±0.4
±2.5
LSB
Zero Code Error Mismatch
±0.6
LSB
Full-Scale Error
±6.5
LSB
Full-Scale Error Mismatch
±1.5
LSB
Differential Mode
Gain Error
±3
±6.5
LSB
Gain Error Mismatch
±1.5
LSB
Zero Code Error
±0.5
±2
LSB
Zero Code Error Mismatch
±0.6
LSB
DYNAMIC PERFORMANCE
fIN = 1 kHz sine wave; single-ended mode;
0 V to 4 × REFADC
Signal-to-Noise Ratio (SNR)1, 2
72
dB
Signal-to-Noise + Distortion (SINAD) Ratio1, 2
72
dB
Total Harmonic Distortion (THD)1, 2
−90.5
dB
Channel to Channel Isolation2
95
dB
fIN = 100 Hz to 80 kHz
Full Power Bandwidth2
7
MHz
At 0.1 dB; single-ended mode; 0 V to 4 × REFADC
CONVERSION RATE
Conversion Time2
500
ns
Track-and-Hold Acquisition Time2
100
ns
Voltage inputs in command mode
ANALOG INPUT1
REFADC = 1.25 V
Single-Ended Input Range
0
1.25
V
0 V to REFADC mode
0
2.5
V
0 V to 2 × REFADC mode
0
5
V
0 V to 4 × REFADC mode
Pseudo Differential Range (VIN+ − VIN−3)
0
1.25
V
0 V to REFADC mode
0
2.5
V
0 V to 2 × REFADC mode
0
5
V
0 V to 4 × REFADC mode
Differential Range (VIN+ − VIN−)4
−1.25
+1.25
V
0 V to REFADC mode
−2.5
+2.5
V
0 V to 2 × REFADC mode
−5
+5
V
0 V to 4 × REFADC mode
Input Capacitance2
30
pF
DC Input Leakage Current
±1
µA
INTERNAL BI-VOUTx MONITORING INPUTS
Full-Scale Input Range
−5
+5
V
Resolution
12
Bits
LSB step size ≈ 2.5 mV
Gain Error
±0.53
%
Offset Error
±14
mV
INTERNAL RSx+ MONITORING INPUTS
Full-Scale Input Range
0
62.5
V
Resolution
12
Bits
LSB step size ≈ 15.2 mV
Gain Error
0.06
%
Offset Error
±11
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com