Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7293 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller with ADC, DACs, and Temperature and Current Sensors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7293 Datasheet HTML 19Page - Analog Devices AD7293 Datasheet HTML 20Page - Analog Devices AD7293 Datasheet HTML 21Page - Analog Devices AD7293 Datasheet HTML 22Page - Analog Devices AD7293 Datasheet HTML 23Page - Analog Devices AD7293 Datasheet HTML 24Page - Analog Devices AD7293 Datasheet HTML 25Page - Analog Devices AD7293 Datasheet HTML 26Page - Analog Devices AD7293 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 79 page
background image
Data Sheet
AD7293
Rev. D | Page 23 of 79
ANALOG INPUTS
The AD7293 has four analog inputs, VIN3 to VIN0. Depending
on the configuration register setup, they can be configured as
four single-ended inputs or two fully differential channels.
Single-Ended Mode
The AD7293 can have four single-ended analog input channels.
In applications where the signal source is high impedance, it is
recommended to buffer the analog input before applying it to the
ADC. The analog input range is programmed to the following
modes: 0 V to REFADC, 0 V to 2 × REFADC, or 4 × REFADC mode.
The voltage, with respect to AGND on the ADC analog input
pins, cannot exceed AVDD.
Differential Mode
The AD7293 can have two differential input pairs (VIN3 and VIN2,
VIN1 and VIN0). The amplitude of the differential signal is the
difference between the signals at VIN+ and VIN− (VIN0 and VIN1,
or VIN3 and VIN2). Simultaneously drive VIN+ and VIN− by two
signals, each of amplitude REFADC, 2 × REFADC, or 4 × REFADC,
depending on the range chosen, which are 180° out of phase.
VIN+
AD72931
VIN–
ADCREF p-p
ADCREF p-p
COMMON-MODE
VOLTAGE
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 37. Differential Input (VIN+/VIN− Refer to VIN0 to VIN3)
Assuming that the 0 V to REFADC range is selected, the amplitude
of the differential signal is, therefore, −REFADC to +REFADC peak
to peak, regardless of the common-mode voltage (VCM).
The common-mode voltage is the average of the two signals.
(VIN+ + VIN−)/2
The common-mode voltage is the voltage on which the two
inputs are centered. The result is that the span of each input is
VCM ± REFADC/2. This common-mode voltage must be set up
externally.
When a conversion takes place, the common-mode voltage is
rejected, resulting in a virtually noise free signal of amplitude
−REFADC to +REFADC, corresponding to the digital output codes
of −2048 to +2047 in twos complement format.
When using the 2 × REFADC range, the input signal amplitude
extends from −2 × REFADC (VIN+ = 0 V and VIN− = REFADC) to
+2 × REFADC (VIN− = 0 V and VIN+ = REFADC).
Similarly, when using the 4 × REFADC range, the input signal
amplitude extends from −4 × REFADC (VIN+ = 0 V and VIN− =
REFADC) to +4 × REFADC (VIN− = 0 V and VIN+ = REFADC).
Pseudo Differential Mode
The four uncommitted analog input channels can be configured
as two pseudo differential pairs. Two uncommitted inputs, VIN0
and VIN1, are a pseudo differential pair, as are VIN2 and VIN3. In
this mode, VIN+ is connected to the signal source, which can have
a maximum amplitude of REFADC, 2 × REFADC, or 4 × REFADC,
depending on the range that is chosen, to make use of the full
dynamic range of the device. A dc input is applied to VIN−. The
voltage applied to this input provides an offset from ground or a
pseudo ground for the VIN+ input. The ADC channel allocation
determines the channel specified as VIN+. The differential mode
must be selected to operate in the pseudo differential mode. The
resulting converted pseudo differential data is stored in twos
complement format in the result register.
For VIN0, the governing equation for the pseudo differential
mode is
VOUT = 2(VIN+ − VIN−) − REFADC
where:
VIN+ is the single-ended signal.
VIN− is a dc voltage.
REFADC = 1.25 V.
The benefit of pseudo differential inputs is that they separate
the analog input signal ground from the ADC ground, allowing
dc common-mode voltages to be cancelled.
1ADDITIONAL PINS OMITTED FOR CLARITY.
AD72931
VIN+
VIN–
DC INPUT
VOLTAGE
VREF p-p
Figure 38. Pseudo Differential Input (VIN+/VIN− Refer to VIN0 to VIN3)
CURRENT SENSOR
Four bidirectional high-side current sense amplifiers are
provided that can accurately amplify differential current shunt
voltages in the presence of high common-mode voltages from
AVDD up to AVSS + 60 V. The current sensors can be read
directly, or optionally, they can be set to operate as part of the four
independent closed-loop, drain current controllers. See the
Closed-Loop Mode section for more information.
In open-loop operation, the current sense amplifiers measure
the current through a shunt resistor. Each amplifier can accept
differential inputs up to ±200 mV. A selectable gain amplifies
the measured voltage drop across the current sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com