Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9N70L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 9N70L-TN3-R
Description  9A, 700V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9N70L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  9N70L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
9N70-TD2
Power MOSFET
UNISONIC TECHNOLOGIES CO., LTD
3 of 8
www.unisonic.com.tw
QW-R205-579.A
ELECTRICAL CHARACTERISTICS (T
J=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
700
V
Drain-Source Leakage Current
IDSS
VDS=700V, VGS=0V
10
µA
Gate- Source Leakage Current
Forward
IGSS
VGS=+30V, VDS=0V
+100
nA
Reverse
VGS=-30V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=4.0A
1.5
Ω
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS=25V, VGS=0V, f=1MHz
1170
pF
Output Capacitance
COSS
102
pF
Reverse Transfer Capacitance
CRSS
5
pF
DYNAMIC CHARACTERISTICS
Total Gate Charge
QG
VDS=560V, VGS=10V, ID=8A
IG=1mA (Note 1, 2)
24
nC
Gate-Source Charge
QGS
5.5
nC
Gate-Drain Charge
QGD
4.5
nC
Turn-on Delay Time (Note 1)
tD(ON)
VDS=100V, VGS=10V, ID=8A,
RG=25Ω (Note 1, 2)
15
ns
Rise Time
tR
18
ns
Turn-off Delay Time
tD(OFF)
75
ns
Fall-Time
tF
35
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Continuous Drain-Source Diode
Forward Current
IS
9
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
18
A
Drain-Source Diode Forward Voltage (Note 1)
VSD
IS =9A, VGS=0V
1.4
V
Body Diode Reverse Recovery Time (Note 1)
trr
IS =9A, VGS=0V,
dIF/dt=100A/μs
468
Body Diode Reverse Recovery Charge
Qrr
3.8
Notes: 1.
Pulse Test : Pulse width ≤ 300μs, Duty cycle ≤ 2%.
2. Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com