Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9N70L-TN3-R Datasheet (PDF) - Unisonic Technologies

9N70L-TN3-R Datasheet PDF - Unisonic Technologies
Part # 9N70L-TN3-R
Download  9N70L-TN3-R Download
File Size   398.97 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 9A, 700V N-CHANNEL POWER MOSFET

9N70L-TN3-R Datasheet (PDF)

Go To PDF Page Download Datasheet
9N70L-TN3-R Datasheet PDF - Unisonic Technologies

Part # 9N70L-TN3-R
Download  9N70L-TN3-R Click to download

File Size   398.97 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 9A, 700V N-CHANNEL POWER MOSFET

9N70L-TN3-R Datasheet (HTML) - Unisonic Technologies


9N70L-TN3-R Product details

 DESCRIPTION
The UTC 9N70-TD2 is an N-channel mode power MOSFET
using UTC’s advanced technology to provide costumers with planar
stripe and DMOS technology. This technology is specialized in
allowing a minimum on-state resistance and superior switching
performance. It also can withstand high energy pulse in the
avalanche and commutation mode.
The UTC 9N70-TD2 is universally applied in active power factor
correction and high efficient switched mode power supplies.

 FEATURES
* RDS(ON) ≤ 1.5Ω @ VGS=10V, ID=4.0A
* High switching speed
* Improved dv/dt capability




Similar Part No. - 9N70L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9N70L-TA3-T UTC-9N70L-TA3-T Datasheet
147Kb / 3P
9A, 700V N-CHANNEL POWER MOSFET
9N70L-TA3-T UTC-9N70L-TA3-T Datasheet
150Kb / 4P
N-CHANNEL POWER MOSFET
9N70L-TF3-T UTC-9N70L-TF3-T Datasheet
150Kb / 4P
N-CHANNEL POWER MOSFET
More results


Similar Description - 9N70L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N70 TSC-TSM2N70 Datasheet
211Kb / 7P
700V N-Channel Power MOSFET
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
700V N-Channel Power MOSFET
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
700V N-Channel Power MOSFET
logo
Unisonic Technologies
9N70 UTC-9N70 Datasheet
147Kb / 3P
9A, 700V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT9N70 AOSMD-AOT9N70 Datasheet
534Kb / 6P
700V, 9A N-Channel MOSFET
AOWF9N70 AOSMD-AOWF9N70 Datasheet
302Kb / 5P
700V,9A N-Channel MOSFET
logo
DIYI Electronic Technol...
6N70 DYELEC-6N70 Datasheet
2Mb / 8P
700V N-Channel Power MOSFET
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
700V N-Channel Power MOSFET
logo
Alpha & Omega Semicondu...
AOB9N70L AOSMD-AOB9N70L Datasheet
402Kb / 6P
700V, 9A N-Channel MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com