Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9N70L-TN3-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 9N70L-TN3-R
Description  9A, 700V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9N70L-TN3-R Datasheet(HTML) 7 Page - Unisonic Technologies

  9N70L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
9N70-TD2
Power MOSFET
UNISONIC TECHNOLOGIES CO., LTD
7 of 8
www.unisonic.com.tw
QW-R205-579.A
TYPICAL CHARACTERISTICS (Cont.)
Gate Threshold Voltage vs.
Junction Temperature
Junction Temperature, TJ (°C)
Source Current vs. Source-Drain
Voltage
Source-Drain Voltage, VSD (V)
Drain Current vs. Gate-Source
Voltage
Gate-Source Voltage, VGS (V)
Drain Current, ID (A)
25°C
TA=150°C
Drain-Source On-Resistance vs.
Drain Current
TA=25°C
VGS=10V
Pulsed
TA=25°C
Pulsed
0
2
4
6
10
8
ID=0.25mA
Pulsed
10
0.1
1
Case Temperature, TC (°C)
75
100
150
125
50
25
Drain Current vs. Case Temperature
25
50
75
100
125
150
0.9
1.1
0.6
1
0.8
0.7
Power Dissipation vs. Junction
Temperature
Junction Temperature, TJ (°C)
0
25
50
75
100
125
150
TO-251
0.3
0.5
0.7
0.9
1.2
1
0.4
0.6
0.8
1.1
8
6
3
2
0
1
4
7
5
2
1
1.5
0
2
4
6
8
10
12
0
10
20
30
60
50
40
13.5
4.5
9
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com