Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9N70L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 9N70L-TN3-R
Description  9A, 700V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9N70L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  9N70L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
9N70-TD2
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2019 Unisonic Technologies Co., Ltd
QW-R205-579.A
9A, 700V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 9N70-TD2 is an N-channel mode power MOSFET
using
UTC’s advanced technology to provide costumers with planar
stripe and DMOS technology. This technology is specialized in
allowing a minimum on-state resistance and superior switching
performance. It also can withstand high energy pulse in the
avalanche and commutation mode.
The UTC 9N70-TD2 is universally applied in active power factor
correction and high efficient switched mode power supplies.
FEATURES
* RDS(ON) ≤ 1.5Ω @ VGS=10V, ID=4.0A
* High switching speed
* Improved dv/dt capability
SYMBOL
1.Gate
3.Source
2.Drain
1
TO-251
1
TO-252
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
9N70L-TM3-T
9N70G-TM3-T
TO-251
G
D
S
Tube
9N70L-TN3-R
9N70G-TN3-R
TO-252
G
D
S
Tape Reel
Note:
Pin Assignment: G: Gate
D: Drain
S: Source
(1) R: Tape Reel
(2) TM3: TO-251, TN3: TO-252
(3) G: Halogen Free and Lead Free, L: Lead Free
9N70G-TM3-T
(1) Packing Type
(2) Package Type
(3) Green Package
MARKING
U T C
9 N 7 0
1
L: Lead Free
G: Halogen Free
Date Code
Lot Code


Similar Part No. - 9N70L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9N70L-TA3-T UTC-9N70L-TA3-T Datasheet
147Kb / 3P
9A, 700V N-CHANNEL POWER MOSFET
9N70L-TA3-T UTC-9N70L-TA3-T Datasheet
150Kb / 4P
N-CHANNEL POWER MOSFET
9N70L-TF3-T UTC-9N70L-TF3-T Datasheet
150Kb / 4P
N-CHANNEL POWER MOSFET
More results

Similar Description - 9N70L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N70 TSC-TSM2N70 Datasheet
211Kb / 7P
700V N-Channel Power MOSFET
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
700V N-Channel Power MOSFET
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
700V N-Channel Power MOSFET
logo
Unisonic Technologies
9N70 UTC-9N70 Datasheet
147Kb / 3P
9A, 700V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT9N70 AOSMD-AOT9N70 Datasheet
534Kb / 6P
700V, 9A N-Channel MOSFET
AOWF9N70 AOSMD-AOWF9N70 Datasheet
302Kb / 5P
700V,9A N-Channel MOSFET
logo
DIYI Electronic Technol...
6N70 DYELEC-6N70 Datasheet
2Mb / 8P
700V N-Channel Power MOSFET
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
700V N-Channel Power MOSFET
logo
Alpha & Omega Semicondu...
AOB9N70L AOSMD-AOB9N70L Datasheet
402Kb / 6P
700V, 9A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com