Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9N70L-TN3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 9N70L-TN3-R
Description  9A, 700V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9N70L-TN3-R Datasheet(HTML) 6 Page - Unisonic Technologies

  9N70L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 9N70L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
9N70-TD2
Power MOSFET
UNISONIC TECHNOLOGIES CO., LTD
6 of 8
www.unisonic.com.tw
QW-R205-579.A
TYPICAL CHARACTERISTICS
Drain-Source Voltage, VDS (V)
Drain-Source On-Resistance vs.
Gate-Source Voltage
Gate-Source Voltage, VGS (V)
Gate Charge Characteristics
Total Gate Charge, QG (nC)
0
2
4
6
12
10
8
Drain-Source On-Resistance vs.
Junction Temperature
Junction Temperature, TJ (°C)
Drain-Source Voltage, VDS (V)
4V
ID=4.5A
9A
Capacitance Characteristics
Note:
1.TA=25°C
2.Pulse test
Breakdown Voltage vs. Junction
Temperature
Junction Temperature, TJ (°C)
0
10
40
50
30
20
CISS
COSS
CRSS
Drain Current vs. Drain-Source
Voltage
VGS=6~10V
Note:
1.TA=25°C
2.Pulse test
VDS=560V
VGS=10V
ID=8A
Pulsed
4.5V
VGS=10V
ID=4A
Pulsed
ID=0.25mA
Pulsed
0
3
12
15
9
6
100
1
1000
10
25
50
75
100
125
150
25
50
75
100
125
150
5V
5
10
0
8
2
4
1
9
7
6
3
10
0
5
3
4
7
8
6
5
0
3
6
15
18
24
9
12
21
0
0.5
1
1.5
3
2.5
2
1.4
1
1.2
0.8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com