Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN751508 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SN751508
Description  DC PLASMA DISPLAY DRIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN751508 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SN751508 Datasheet HTML 2Page - STMicroelectronics SN751508 Datasheet HTML 3Page - STMicroelectronics SN751508 Datasheet HTML 4Page - STMicroelectronics SN751508 Datasheet HTML 5Page - STMicroelectronics SN751508 Datasheet HTML 6Page - STMicroelectronics SN751508 Datasheet HTML 7Page - STMicroelectronics SN751508 Datasheet HTML 8Page - STMicroelectronics SN751508 Datasheet HTML 9Page - STMicroelectronics SN751508 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SN751508, SN751518
DC PLASMA DISPLAY DRIVERS
SLDS035 – JANUARY 1987 – REVISED NOVEMBER 1989
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
5.5
V
Output voltage, VO
–75
V
High level input voltage VIH
VCC = 4.5 V
3.6
V
High-level input voltage, VIH
VCC = 5.5 V
4.4
V
Low level input voltage VIL
VCC = 4.5 V
0.9
V
Low-level input voltage, VIL
VCC = 5.5 V
1
V
Output current, IO (TA = 25°C)
– 1.2
mA
Clock frequency, fclock
5
MHz
CLOCK
75
DATA IN
160
ns
Pulse duration, tw (see Figure 1)
LATCH ENABLE
90
STROBE
2
µs
SUSTAIN
2
µs
DATA IN before CLOCK
↓
20
CLOCK low before LATCH ENABLE
↑
50
Setup time, tsu (see Figure 1)
LATCH ENABLE low before CLOCK
↓
0
ns
LATCH ENABLE high before STROBE
↓
0
LATCH ENABLE high before SUSTAIN
↑
0
Hold time, DATA IN after CLOCK
↓, th (see Figure 1)
50
µs
Operating free-air temperature, TA
0
70
°C
electrical characteristics over operating free-air temperature range, VCC = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Q outputs
IOH = – 0.5 mA
4
4.5
VCC =5 5V
IOH = – 100 µA
4.3
4.6
VOH
High-level output voltage
SERIAL OUT 1 2
VCC = 5.5 V
IOH = – 20 µA
4.4
V
SERIAL OUT 1, 2
VCC =4 5V
IOH = – 100 µA
3.4
3.6
VCC = 4.5 V
IOH = – 20 µA
3.6
VCC =5 5V
IOL = 100 µA
0.9
1.2
VOL
Low level output voltage
SERIAL OUT 1 2
VCC = 5.5 V
IOL = 20 µA
1.1
V
VOL
Low-level output voltage
SERIAL OUT 1, 2
VCC =4 5V
IOL = 100 µA
0.9
1.1
V
VCC = 4.5 V
IOL = 20 µA
0.9
IOH
High-level Q output current
TA= 25°C,
VO = 3 V
– 1.2
mA
IOL
Low-level Q output current
TA= 25°C,
VO = – 75 V
– 500
µA
IIH
High-level input current
TA= 25°C,
VI = VCC
1
µA
IIL
Low-level input current
TA= 25°C,
VI = 0
–1
µA
ICC
Supply current
All Q outputs high,
VCC = 5.5 V
17
25
mA
ICC
Supply current
All Q outputs low
3
mA
Ci
Input capacitance
15
pF
† All typical values are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com