Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN751508 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SN751508
Description  DC PLASMA DISPLAY DRIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN751508 Datasheet(HTML) 5 Page - STMicroelectronics

  SN751508 Datasheet HTML 1Page - STMicroelectronics SN751508 Datasheet HTML 2Page - STMicroelectronics SN751508 Datasheet HTML 3Page - STMicroelectronics SN751508 Datasheet HTML 4Page - STMicroelectronics SN751508 Datasheet HTML 5Page - STMicroelectronics SN751508 Datasheet HTML 6Page - STMicroelectronics SN751508 Datasheet HTML 7Page - STMicroelectronics SN751508 Datasheet HTML 8Page - STMicroelectronics SN751508 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SN751508, SN751518
DC PLASMA DISPLAY DRIVERS
SLDS035 – JANUARY 1987 – REVISED NOVEMBER 1989
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematics of inputs and outputs
VCC
Input
GND
EQUIVALENT OF EACH INPUT
TYPICAL OF ALL Q OUTPUTS
Output
VCC
Output
GND
TYPICAL OF SERIAL OUTPUT
VCC2
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
– 0.4 to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
On-state Q output voltage range, VO
– 120 V to VCC + 0.4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
– 0.4 V to VCC + 0.4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Serial output voltage range
– 0.4 V to VCC + 0.4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation at (or below) 25
°C free-air temperature (see Note 2)
1025 mW
. . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTES:
1. Voltages values are with respect to GND.
2.
For operation above 25
°C free-air temperature, derate linearly to 656 mW at 70°C at the rate of 8.2 mW/°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com