Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN751508 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SN751508
Description  DC PLASMA DISPLAY DRIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN751508 Datasheet(HTML) 1 Page - STMicroelectronics

  SN751508 Datasheet HTML 1Page - STMicroelectronics SN751508 Datasheet HTML 2Page - STMicroelectronics SN751508 Datasheet HTML 3Page - STMicroelectronics SN751508 Datasheet HTML 4Page - STMicroelectronics SN751508 Datasheet HTML 5Page - STMicroelectronics SN751508 Datasheet HTML 6Page - STMicroelectronics SN751508 Datasheet HTML 7Page - STMicroelectronics SN751508 Datasheet HTML 8Page - STMicroelectronics SN751508 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN751508, SN751518
DC PLASMA DISPLAY DRIVERS
SLDS035 – JANUARY 1987 – REVISED NOVEMBER 1989
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Each Device Drives 32 Lines
D –120-V PNP Open-Collector Parallel
Outputs
D High-Speed Serially Shifted Data Inputs
D CMOS-Compatible Inputs
D Strobe and Sustain Inputs Provided
D Serial Data Output for Cascade Operation
description
The SN751508 and SN751518 are monolithic
integrated circuits designed to drive the data lines
of a dc plasma panel display. The SN751518 pin
sequence is reversed from the SN751508 for
ease in printed-circuit-board layout.
Each device consists of two 16-bit shift registers,
32 latches, 32 OR gates, and 32 pnp open-
collector output AND gates. Typically, a 32-bit
data string is split into two 16-bit data strings
externally and then entered in parallel into the shift
registers on the high-to-low transition of the clock
signal. A high LATCH ENABLE transfers the data
from the shift registers to the inputs of 32 OR gates
through the latches. Data present in the latch
during the high-to-low transition of LATCH
ENABLE is stored. When STROBE is high, the
latch is masked and a high is placed on the data
input of the output AND gates. When STROBE is
low and SUSTAIN is high, data from the latches is
reflected at the outputs. When low, SUSTAIN
forces all outputs to their off state. Drivers can be
cascaded via the serial data outputs of the static
shift registers. These outputs are not affected by
LATCH ENABLE, STROBE, or SUSTAIN.
The
SN751508
and
the
SN751518
are
characterized from 0
°C to 70°C.
Copyright
© 1989, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
Q32
Q31
Q30
Q29
Q28
Q27
Q26
Q25
Q24
Q23
Q22
Q21
Q20
Q19
Q18
Q17
GND
NC
STROBE
NC
CLOCK
VCC
SERIAL OUT2
SERIAL OUT1
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
Q13
Q14
Q15
Q16
GND
SUSTAIN
NC
LATCH ENABLE
NC
VCC
DATA IN2
DATA IN1
SN751508 ...FT PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
Q13
Q14
Q15
Q16
GND
SUSTAIN
NC
LATCH ENABLE
NC
VCC
DATA IN2
DATA IN1
Q32
Q31
Q30
Q29
Q28
Q27
Q26
Q25
Q24
Q23
Q22
Q21
Q20
Q19
Q18
Q17
GND
NC
STROBE
NC
CLOCK
VCC
SERIAL OUT2
SERIAL OUT1
SN751518 ...FT PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - SN751508

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75150 TI-SN75150 Datasheet
101Kb / 7P
DUAL LINE DRIVER
SN75150 TI1-SN75150 Datasheet
465Kb / 15P
DUAL LINE DRIVER
SN75150 TI2-SN75150 Datasheet
485Kb / 16P
DUAL LINE DRIVER
REVISED JUNE 1999
SN751506 TI1-SN751506 Datasheet
180Kb / 11P
DC PLASMA DISPLAY DRIVERS
SN751506FT TI1-SN751506FT Datasheet
180Kb / 11P
DC PLASMA DISPLAY DRIVERS
More results

Similar Description - SN751508

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75500E TI-SN75500E Datasheet
343Kb / 6P
AC PLASMA DISPLAY DRIVERS
SN75501E TI-SN75501E Datasheet
355Kb / 6P
AC PLASMA DISPLAY DRIVERS
SN75509 TI-SN75509 Datasheet
137Kb / 5P
AC PLASMA DISPLAY DRIVERS
SN75508 TI-SN75508 Datasheet
135Kb / 5P
AC PLASMA DISPLAY DRIVERS
logo
Toshiba Semiconductor
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
Plasma Display Panel
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
Plasma Display Panel
logo
Texas Instruments
SN751506 TI1-SN751506 Datasheet
180Kb / 11P
DC PLASMA DISPLAY DRIVERS
logo
Vishay Siliconix
APD-128G032 VISHAY-APD-128G032_V01 Datasheet
156Kb / 3P
Plasma Display Modules
14-Jun-04
APD-128G064 VISHAY-APD-128G064 Datasheet
63Kb / 3P
Plasma Display Modules
05-Dec-00
APD-32A025A VISHAY-APD-32A025A Datasheet
297Kb / 12P
Intelligent Plasma Display
24-May-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com