Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN751508 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SN751508
Description  DC PLASMA DISPLAY DRIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN751508 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SN751508 Datasheet HTML 3Page - STMicroelectronics SN751508 Datasheet HTML 4Page - STMicroelectronics SN751508 Datasheet HTML 5Page - STMicroelectronics SN751508 Datasheet HTML 6Page - STMicroelectronics SN751508 Datasheet HTML 7Page - STMicroelectronics SN751508 Datasheet HTML 8Page - STMicroelectronics SN751508 Datasheet HTML 9Page - STMicroelectronics SN751508 Datasheet HTML 10Page - STMicroelectronics SN751508 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SN751508, SN751518
DC PLASMA DISPLAY DRIVERS
SLDS035 – JANUARY 1987 – REVISED NOVEMBER 1989
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, CL = 15 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
Propagation delay time, CLOCK to SERIAL OUT
100
150
ns
tDLH Delay time, low-to-high-level Q output from SUSTAIN or STROBE
0.3‡
1
µs
tDHL Delay time, high-to-low-level Q output from SUSTAIN or STROBE
RL = 91 kΩ,
1‡
2.5
µs
tTLH
Transition time, low-to-high-level Q output
L
See Figures 1 and 2
2
5
µs
tTHL
Transition time, high-to-low-level Q output
11
18
µs
‡ Typical values for delay times are measured from SUSTAIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com