Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN751508 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SN751508
Description  DC PLASMA DISPLAY DRIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN751508 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SN751508 Datasheet HTML 6Page - STMicroelectronics SN751508 Datasheet HTML 7Page - STMicroelectronics SN751508 Datasheet HTML 8Page - STMicroelectronics SN751508 Datasheet HTML 9Page - STMicroelectronics SN751508 Datasheet HTML 10Page - STMicroelectronics SN751508 Datasheet HTML 11Page - STMicroelectronics SN751508 Datasheet HTML 12Page - STMicroelectronics SN751508 Datasheet HTML 13Page - STMicroelectronics SN751508 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
SN751508, SN751518
DC PLASMA DISPLAY DRIVERS
SLDS035 – JANUARY 1987 – REVISED NOVEMBER 1989
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
0
TA – Free-Air Temperature – °C
20
80
0
10
20
30
40
50
60
70
5
10
15
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
No Load
VCC = 5.5 V
All Q Outputs Low
Figure 4
0
TA – Free-Air Temperature – °C
125
80
0
10
20
30
40
50
60
70
25
50
75
100
VCC = 5 V
CL = 15 pF
PROPAGATION DELAY TIME,
CLOCK TO SERIAL OUT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
DELAY TIME, SUSTAIN INPUT TO Q OUTPUT
LOW TO HIGH
vs
FREE-AIR TEMPERATURE
Figure 5
0
0.5
80
0
10
20
30
40
50
60
70
0.1
0.2
0.3
0.4
VCC = 5 V
CL = 15 pF
RL = 91 kΩ
Figure 6
0
TA – Free-Air Temperature – °C
2
80
0
10
20
30
40
50
60
70
0.5
1
1.5
VCC = 5 V
CL = 15 pF
RL = 91 kΩ
DELAY TIME, SUSTAIN INPUT TO Q OUTPUT
HIGH TO LOW
vs
FREE-AIR TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com