Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR-9 Datasheet(PDF) 32 Page - Power Integrations, Inc.

Part # EPR-9
Description  Engineering Prototype Report 5 W, Universal Input, Dual Output, Isolated, TNY266 (EP9)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-9 Datasheet(HTML) 32 Page - Power Integrations, Inc.

Back Button EPR-9 Datasheet HTML 24Page - Power Integrations, Inc. EPR-9 Datasheet HTML 25Page - Power Integrations, Inc. EPR-9 Datasheet HTML 26Page - Power Integrations, Inc. EPR-9 Datasheet HTML 27Page - Power Integrations, Inc. EPR-9 Datasheet HTML 28Page - Power Integrations, Inc. EPR-9 Datasheet HTML 29Page - Power Integrations, Inc. EPR-9 Datasheet HTML 30Page - Power Integrations, Inc. EPR-9 Datasheet HTML 31Page - Power Integrations, Inc. EPR-9 Datasheet HTML 32Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
5 W Universal Input Dual Output Isolated TNY266
03-April-2001
For the latest updates, visit our website: www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or
manufacturability. Power Integrations does not assume any liability arising from the use of any device or
circuit described herein, nor does it convey any license under its patent rights or the rights of others.
PI Logo,
TOPSwitch and TinySwitch are registered trademarks of Power Integrations, Inc.
© Copyright 2001, Power Integrations, Inc.
WORLD HEADQUARTERS
NORTH AMERICA - WEST
Power Integrations, Inc.
5245 Hellyer Avenue
San Jose, CA 95138 USA.
Main:
+1•408•414•9200
Customer Service:
Phone:
+1•408•414•9665
Fax:
+1•408•414•9765
EUROPE & AFRICA
Power Integrations (Europe)
Ltd.
Centennial Court
Easthampstead Road
Bracknell
Berkshire RG12 1YQ,
United Kingdom
Phone:
+44•1344•462•301
Fax:
+44•1344•311•732
TAIWAN
Power Integrations International
Holdings, Inc.
2F, #508, Chung Hsiao E. Rd.,
Sec. 5,
Taipei 105, Taiwan
Phone:
+886•2•2727•1221
Fax:
+886•2•2727•1223
CHINA
Power Integrations International
Holdings, Inc.
Rm# 1705, Bao Hua Bldg.
1016 Hua Qiang Bei Lu
Shenzhen Guangdong, 518031
Phone:
+86•755•367•5143
Fax:
+86•755•377•9610
KOREA
Power Integrations
International
Holdings, Inc.
Rm# 402, Handuk Building,
649-4 Yeoksam-Dong,
Kangnam-Gu,
Seoul, Korea
Phone:
+82•2•568•7520
Fax:
+82•2•568•7474
JAPAN
Power Integrations, K.K.
Keihin-Tatemono 1st Bldg.
12-20 Shin-Yokohama 2-
Chome,
Kohoku-ku, Yokohama-shi,
Kanagawa 222, Japan
Phone:
+81•45•471•1021
Fax:
+81•45•471•3717
INDIA (Technical Support)
Innovatech
#1, 8th Main Road
Vasanthnagar
Bangalore, India 560052
Phone:
+91•80•226•6023
Fax:
+91•80•228•9727
APPLICATIONS HOTLINE
World Wide +1•408•414•9660
APPLICATIONS FAX
World Wide +1•408•414•9760
Page 32 of 32
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com