Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR-9 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # EPR-9
Description  Engineering Prototype Report 5 W, Universal Input, Dual Output, Isolated, TNY266 (EP9)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-9 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  EPR-9 Datasheet HTML 1Page - Power Integrations, Inc. EPR-9 Datasheet HTML 2Page - Power Integrations, Inc. EPR-9 Datasheet HTML 3Page - Power Integrations, Inc. EPR-9 Datasheet HTML 4Page - Power Integrations, Inc. EPR-9 Datasheet HTML 5Page - Power Integrations, Inc. EPR-9 Datasheet HTML 6Page - Power Integrations, Inc. EPR-9 Datasheet HTML 7Page - Power Integrations, Inc. EPR-9 Datasheet HTML 8Page - Power Integrations, Inc. EPR-9 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
5 W Universal Input Dual Output Isolated TNY266
03-April-2001
Table Of Contents
1
Introduction .................................................................................................................3
2
Power Supply Requirements Specification ..............
...................................................3
3
Schematic ...................................................................................................................4
3.1
Configuration “1” 2 kV..........................................................................................4
3.2
Configuration “2” 6 kV..........................................................................................5
4
Circuit Description.......................................................................................................6
5
Layout and Picture......................................................................................................7
6
Bill Of Materials...........................................................................................................9
6.1
Configuration ”1”, 2 kV.........................................................................................9
6.2
Configuration ”2”, 6 kV.........................................................................................9
7
Transformer – T1 ......................................................................................................10
7.1
Transformer Drawing .........................................................................................10
7.2
Electrical Specifications .....................................................................................10
7.3
Transformer Construction ..................................................................................10
7.4
Transformer Materials........................................................................................11
7.5
Transformer Winding Instructions......................................................................11
7.6
Transformer Bobbin Dimensions .......................................................................12
7.7
Transformer Spreadsheet..................................................................................13
8
Performance Data.....................................................................................................15
8.1
Efficiency ...........................................................................................................15
8.2
Regulation @ 25
°C Ambient.............................................................................16
8.3
Temperature ......................................................................................................17
8.4
Waveforms (2 kV config.”1”) ..............................................................................18
8.4.1
Turn-on Delay/Hold-up Time ......................................................................18
8.4.2
Auto-Restart ...............................................................................................19
8.5
Transient Response...........................................................................................21
8.6
Conducted EMI Scans .......................................................................................22
8.7
Surge Voltage Immunity (2 kV and 6 kV, 1.2/50
µs per IEC1000-4-5)...............23
8.8
Acoustic Emissions............................................................................................24
Appendix A Example of 24 V Output Design....................................................................25
Appendix A1.1 Schematic of 24 V Design....................................................................25
Appendix A1.2 Bill of Materials (5 W, 5 VDC, 24 VDC PS)..............................................26
Appendix A1.3 Transformer Spreadsheet ....................................................................27
9
Revision History........................................................................................................29
Important Note:
Although the EP-9 is designed to satisfy safety isolation requirements, the engineering
prototype has not been agency approved. Therefore all testing should be performed
using an isolation transformer to provide the AC input to the prototype board.
Page 2 of 32
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com