Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR-9 Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # EPR-9
Description  Engineering Prototype Report 5 W, Universal Input, Dual Output, Isolated, TNY266 (EP9)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-9 Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button EPR-9 Datasheet HTML 9Page - Power Integrations, Inc. EPR-9 Datasheet HTML 10Page - Power Integrations, Inc. EPR-9 Datasheet HTML 11Page - Power Integrations, Inc. EPR-9 Datasheet HTML 12Page - Power Integrations, Inc. EPR-9 Datasheet HTML 13Page - Power Integrations, Inc. EPR-9 Datasheet HTML 14Page - Power Integrations, Inc. EPR-9 Datasheet HTML 15Page - Power Integrations, Inc. EPR-9 Datasheet HTML 16Page - Power Integrations, Inc. EPR-9 Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
03-April-2001
5 W Universal Input Dual Output Isolated TNY266
7.7 Transformer Spreadsheet
Design Warning
Power Supply Input
VACMIN
Volts
85
Minimum AC Input Voltage
VACMAX
Volts
265
Maximum AC Input Voltage
FL
Hertz
50
AC Main Frequency
TC
mSeconds
2.48
Bridge Rectifier Conduction Time Estimate
Z
0.61
Loss Allocation Factor
N
%
71.0
Efficiency Estimate
Power Supply
Outputs
VOx
Volts
5.00
12.00 Output Voltage
IOx
Amps
0.500
0.208 Power Supply Output Current
Device Variables
Device
TNY266
Device Name
PO
Watts
5.00
Total Output Power
VDRAIN
Volts
521
Maximum Drain Voltage Estimate (Includes Effect of
Leakage Inductance)
VDS
Volts
4.7
Device On-State Drain to Source Voltage
FSnom
Hertz
132000
TinySwitch-II Switching Frequency
FSmin
Hertz
120000
TinySwitch-II Minimum Switching Frequency (inc. Jitter)
FSmax
Hertz
144000
TinySwitch-II Maximum Switching Frequency (inc.
Jitter)
KRPKDP
0.79
Ripple to Peak Current Ratio
ILIMITMIN
Amps
0.33
Device Current Limit, Minimum
ILIMITMAX
Amps
0.38
Device Current Limit, Maximum
IRMS
Amps
0.15
Primary RMS Current
DMAX
0.44
Maximum Duty Cycle
Power Supply Components
Selection
CIN
uFarads
13.6
Input Filter Capacitor
VMIN
Volts
82
Minimum DC Input Voltage
VMAX
Volts
375
Maximum DC Input Voltage
VCLO
Volts
130
Clamp Zener Voltage
PZ
W
0.3
Estimated Primary Zener Clamp Loss
Power Supply Output
Parameters
VDx
Volts
0.5
0.7 Output Winding Diode Forward Voltage Drop
PIVSx
Volts
39
91 Output Rectifier Maximum Peak Inverse Voltage
ISPx
Amps
1.78
0.74 Peak Secondary Current
ISRMSx
Amps
0.86
0.36 Secondary RMS Current
IRIPPLEx
Amps
0.70
0.29 Output Capacitor RMS Ripple Current
Page 13 of 32
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com