Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR-9 Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # EPR-9
Description  Engineering Prototype Report 5 W, Universal Input, Dual Output, Isolated, TNY266 (EP9)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-9 Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button EPR-9 Datasheet HTML 7Page - Power Integrations, Inc. EPR-9 Datasheet HTML 8Page - Power Integrations, Inc. EPR-9 Datasheet HTML 9Page - Power Integrations, Inc. EPR-9 Datasheet HTML 10Page - Power Integrations, Inc. EPR-9 Datasheet HTML 11Page - Power Integrations, Inc. EPR-9 Datasheet HTML 12Page - Power Integrations, Inc. EPR-9 Datasheet HTML 13Page - Power Integrations, Inc. EPR-9 Datasheet HTML 14Page - Power Integrations, Inc. EPR-9 Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
03-April-2001
5 W Universal Input Dual Output Isolated TNY266
7.4 Transformer Materials
Item
Description
[1]
Core: PC40 EE16, (YING CHIN YC1607) gapped for Alg=168 nH/T
2
[2]
Bobbin: BE-16 (NICERA FEE16)
[3]
Magnet Wire: # 34 AWG Heavy Nyleze
[4]
Triple Insulated Wire: # 28 AWG
[5]
Tape: 3M #10 Reinforced Epoxy Film (Cream) 1.5 mm wide by 5 mils thick
[6]
Tape: 3M 1298 Polyester Film (white) 8.2 mm wide by 2.2 mils thick
7.5 Transformer Winding Instructions
Primary Margins
Tape Margins with item [5] on one side at pins. Match height with Primary
windings
Primary Layer
Start at Pin 4. Wind 26 turns of item [3] from left to right. Wind 25 turns of
item [3] from right to left. Then wind the remaining 25 turns in the next layer
from left to right. Finish on Pin 1.
Basic Insulation
1 Layer of tape [6] for basic insulation.
+5 V and +12 V
Interleaved Winding
Start +5 V winding at Pin 8 (2 wires) of item [4] and +12 V winding at Pin 10
(1 wire) of item [4]. Wind together (3 wires) 7 turns of item [4] from right to
left. Wind uniformly, in a single layer, across entire width of bobbin. Finish
5 V winding on Pin 5. Continue +12 V winding with 10 more turns, from left
to right and finish at pin 9.
Basic Insulation
3 Layer of tape [6] for basic insulation.
Final Assembly
Assemble and secure core halves. Impregnate uniformly [7].
Page 11 of 32
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com