Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR-9 Datasheet(PDF) 22 Page - Power Integrations, Inc.

Part # EPR-9
Description  Engineering Prototype Report 5 W, Universal Input, Dual Output, Isolated, TNY266 (EP9)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-9 Datasheet(HTML) 22 Page - Power Integrations, Inc.

Back Button EPR-9 Datasheet HTML 18Page - Power Integrations, Inc. EPR-9 Datasheet HTML 19Page - Power Integrations, Inc. EPR-9 Datasheet HTML 20Page - Power Integrations, Inc. EPR-9 Datasheet HTML 21Page - Power Integrations, Inc. EPR-9 Datasheet HTML 22Page - Power Integrations, Inc. EPR-9 Datasheet HTML 23Page - Power Integrations, Inc. EPR-9 Datasheet HTML 24Page - Power Integrations, Inc. EPR-9 Datasheet HTML 25Page - Power Integrations, Inc. EPR-9 Datasheet HTML 26Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
5 W Universal Input Dual Output Isolated TNY266
03-April-2001
8.6 Conducted EMI Scans
The attached plots show worst-case EMI performance for EP8 as compared to CISPR22B conducted
emissions limits. Peak detection is commonly used for initial diagnosis of EMI, as full frequency range
results can be quickly obtained, using a common spectrum analyzer. This is also a worst-case form of
analysis, as the CISPR22B limits are based on quasi-peak and average detection, both of which give lower
amplitude results than peak detection.
For EMI and safety techniques refer to PI application note AN15 (Figure 6 shows a typical test set up).
Quasi-peak
Average
Figure 8.6.1 - EP9, TNY266, L, N, 120 VAC, Full Load, CISPR Limits.
Figure 8.6.2 - EP9, TNY266, L, N, 230 VAC, Full Load, CISPR Limits.
Page 22 of 32
Power Integrations, Inc.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com