Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR-21 Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # EPR-21
Description  Engineering Prototype Report (EP-21) - 30 W DC-DC Converter with DPA424
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-21 Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button EPR-21 Datasheet HTML 2Page - Power Integrations, Inc. EPR-21 Datasheet HTML 3Page - Power Integrations, Inc. EPR-21 Datasheet HTML 4Page - Power Integrations, Inc. EPR-21 Datasheet HTML 5Page - Power Integrations, Inc. EPR-21 Datasheet HTML 6Page - Power Integrations, Inc. EPR-21 Datasheet HTML 7Page - Power Integrations, Inc. EPR-21 Datasheet HTML 8Page - Power Integrations, Inc. EPR-21 Datasheet HTML 9Page - Power Integrations, Inc. EPR-21 Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
EPR-21 – 5 V, 30 W DC-DC Converter
19-Nov-02
4 Circuit Description
4.1 Primary Circuitry
The schematic in Figure 2 shows a single-ended forward converter using the DPA424R.
The circuit is designed for 36 V to 72 V input range and 5 V, 6 A output. C1 and L1
provide input filtering. C2 and C3 bypass the DC rail. The DC rail is applied to the primary
winding of T1. The other side of the transformer primary is driven by the integrated
MOSFET in U1. C8 reduces the amplitude of leakage spikes generated when the
MOSFET in U1 switches off. VR1 clamps the U1 drain voltage to a safe value during fault
conditions, but is inactive during normal operation.
R1 is used to set the low line turn-on threshold to approximately 33 V, and also sets the
overvoltage shutdown level to approximately 88 V. R3 sets the U1 current limit to
approximately 85% of its nominal value, limiting the output power delivered during fault
conditions. C5 bypasses the U1 CONTROL pin, and provides the peak current necessary
for driving the DPA-Switch internal MOSFET. C6 has three functions. It provides the
energy required by U1 during startup, sets the auto-restart frequency during fault
conditions, and also reduces the gain of U1 as a function of frequency. R4 adds a zero
to stabilize the power supply control loop.
4.2 Output Rectification
The output of T1 is rectified and filtered by D2, L2, C10, and C11. This is the lowest cost
rectification scheme. DPA-Switch is however fully compatible with simple self-driven
synchronous rectification schemes as described in the DPA-Switch datasheet. C12
provides additional high frequency filtering, and is located close to the output terminals of
the supply. C7 provides bypassing for high frequency common-mode noise coupled from
the primary to the secondary of T1. R14 damps primary-to-secondary circulating current,
which would otherwise appear imposed on the output ripple voltage.
C9 and R5 provide some snubbing to D2, but their main purpose is to reset T1 during the
U1 off time. During the U1 off time, magnetizing energy stored in the T1 primary during
on time is coupled to the secondary, and charges C9. The voltage on C9 is a 1/2 sinusoid
with a period determined by C9 and the reflected primary inductance of T1. C9 is sized
such that the voltage generated during the off time is sufficient to reset T1 before the next
switching cycle occurs. R5 provides damping for C9 to prevent high frequency ringing
during switching transitions.
U1 is powered during normal operation by an auxiliary flyback winding on L2. This
winding delivers energy during the off time of U1, with an output voltage proportional to
the supply output voltage. The turns ratio of L2 sets the output voltage of the auxiliary
winding to approximately 12 V. D1 and C4 rectify and filter the auxiliary winding output.
Page 6 of 32
Power Integrations, Inc.
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com