Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR-21 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # EPR-21
Description  Engineering Prototype Report (EP-21) - 30 W DC-DC Converter with DPA424
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-21 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  EPR-21 Datasheet HTML 1Page - Power Integrations, Inc. EPR-21 Datasheet HTML 2Page - Power Integrations, Inc. EPR-21 Datasheet HTML 3Page - Power Integrations, Inc. EPR-21 Datasheet HTML 4Page - Power Integrations, Inc. EPR-21 Datasheet HTML 5Page - Power Integrations, Inc. EPR-21 Datasheet HTML 6Page - Power Integrations, Inc. EPR-21 Datasheet HTML 7Page - Power Integrations, Inc. EPR-21 Datasheet HTML 8Page - Power Integrations, Inc. EPR-21 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
EPR-21 – 5 V, 30 W DC-DC Converter
19-Nov-02
Table Of Contents
1
Introduction .................................................................................................................3
2
Power Supply Specification ........................................................................................4
3
Schematic ...................................................................................................................5
4
Circuit Description.......................................................................................................6
4.1 Primary Circuitry......................................................................................................6
4.2 Output Rectification.................................................................................................6
4.3 Output Feedback.....................................................................................................7
4.4 Construction ............................................................................................................7
5
PCB Layout.................................................................................................................8
6
Bill Of Materials...........................................................................................................9
Transformer Specification ................................................................................................10
7.1 Electrical Specifications.........................................................................................10
7.2 Materials................................................................................................................10
7.3 Transformer Build Diagram ...................................................................................11
7.4 Transformer Construction......................................................................................11
8
Inductor Specification................................................................................................12
8.1 Electrical Specifications.........................................................................................12
8.2 Materials................................................................................................................12
8.3 Inductor Build Diagram..........................................................................................13
8.4 Inductor Construction ............................................................................................13
9
PIXls Design Spreadsheet ........................................................................................14
10 Performance Data.....................................................................................................17
10.1 Efficiency ...........................................................................................................17
10.2 Regulation .........................................................................................................18
10.2.1 Load Regulation .............................................................................................18
10.2.2 Line Regulation ..............................................................................................18
11 Thermal Performance ...............................................................................................19
12 Waveforms................................................................................................................21
12.1 Drain Voltage and Current, Normal Operation...................................................21
12.2 Output Voltage Start-up Profile..........................................................................22
12.3 Load Transient Response (75% to 100% Load Step)........................................23
12.4 Output Ripple Measurements ............................................................................24
12.4.1 Ripple Measurement Technique ....................................................................24
12.4.2 Measurement Results ....................................................................................25
13 Control Loop Measurements.....................................................................................26
13.1 Maximum Load 36 VDC.....................................................................................26
13.2 Maximum Load 48 VDC.....................................................................................26
13.3 Maximum Load 72 VDC.....................................................................................27
14 Revision History........................................................................................................28
Important Note:
Although the EP-21 is designed to satisfy telecom safety isolation requirements, this
engineering prototype has not been agency approved.
Page 2 of 32
Power Integrations, Inc.
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com