Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR-21 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # EPR-21
Description  Engineering Prototype Report (EP-21) - 30 W DC-DC Converter with DPA424
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-21 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button EPR-21 Datasheet HTML 13Page - Power Integrations, Inc. EPR-21 Datasheet HTML 14Page - Power Integrations, Inc. EPR-21 Datasheet HTML 15Page - Power Integrations, Inc. EPR-21 Datasheet HTML 16Page - Power Integrations, Inc. EPR-21 Datasheet HTML 17Page - Power Integrations, Inc. EPR-21 Datasheet HTML 18Page - Power Integrations, Inc. EPR-21 Datasheet HTML 19Page - Power Integrations, Inc. EPR-21 Datasheet HTML 20Page - Power Integrations, Inc. EPR-21 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
19-Nov-02
EPR-21 – 5 V, 30 W DC-DC Converter
10 Performance Data
All measurements performed at room temperature unless otherwise specified.
10.1 Efficiency
EP-21 Efficiency vs. Output Power
0.6
0.65
0.7
0.75
0.8
0.85
0.9
010
20
30
40
Output Power (W)
VIN = 36 V
VIN = 48 V
VIN = 60 V
VIN = 72 V
Figure 8
− Efficiency vs. Output Power, Room Temperature.
EP-21 Efficiency vs. Input Voltage
77.0
78.0
79.0
80.0
81.0
82.0
83.0
84.0
85.0
86.0
87.0
35
40
45
50
55
60
65
70
75
DC Input Voltage
IOUT = 6 A
IOUT = 3 A
IOUT = 1 A
Figure 9
− Efficiency vs. Input Voltage, Room Temperature.
Page 17 of 32
Power Integrations, Inc.
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com