Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR-21 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # EPR-21
Description  Engineering Prototype Report (EP-21) - 30 W DC-DC Converter with DPA424
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-21 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button EPR-21 Datasheet HTML 17Page - Power Integrations, Inc. EPR-21 Datasheet HTML 18Page - Power Integrations, Inc. EPR-21 Datasheet HTML 19Page - Power Integrations, Inc. EPR-21 Datasheet HTML 20Page - Power Integrations, Inc. EPR-21 Datasheet HTML 21Page - Power Integrations, Inc. EPR-21 Datasheet HTML 22Page - Power Integrations, Inc. EPR-21 Datasheet HTML 23Page - Power Integrations, Inc. EPR-21 Datasheet HTML 24Page - Power Integrations, Inc. EPR-21 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
19-Nov-02
EPR-21 – 5 V, 30 W DC-DC Converter
12 Waveforms
12.1 Drain Voltage and Current, Normal Operation
Figure 17
− 36 VDC, Full Load.
Upper Trace: IDRAIN, 1 A/div.
Lower Trace: VDRAIN, 50 V/div,
500 ns/div.
Figure 18
− 48 VDC, Full Load.
Upper Trace: IDRAIN, 1 A/div.
Lower Trace: VDRAIN, 50 V/div,
500 ns/div.
Figure 19 – 72 VDC, Full Load.
Upper Trace: IDRAIN, 1 A/div.
Lower Trace: VDRAIN, 50 V/div,
500 ns/div.
Page 21 of 32
Power Integrations, Inc.
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com