Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPR-21 Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # EPR-21
Description  Engineering Prototype Report (EP-21) - 30 W DC-DC Converter with DPA424
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-21 Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button EPR-21 Datasheet HTML 19Page - Power Integrations, Inc. EPR-21 Datasheet HTML 20Page - Power Integrations, Inc. EPR-21 Datasheet HTML 21Page - Power Integrations, Inc. EPR-21 Datasheet HTML 22Page - Power Integrations, Inc. EPR-21 Datasheet HTML 23Page - Power Integrations, Inc. EPR-21 Datasheet HTML 24Page - Power Integrations, Inc. EPR-21 Datasheet HTML 25Page - Power Integrations, Inc. EPR-21 Datasheet HTML 26Page - Power Integrations, Inc. EPR-21 Datasheet HTML 27Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
19-Nov-02
EPR-21 – 5 V, 30 W DC-DC Converter
12.3 Load Transient Response (75% to 100% Load Step)
In the figures shown below, signal averaging was used to better enable viewing the load
transient response. The oscilloscope was triggered using the load current step as a
trigger source. Since the output ripple occurs essentially at random with respect to the
load transient, contributions to the displayed trace form the output ripple will average out,
leaving the contribution only from the load step response.
Figure 26
− Output Transient Response.
50% to 75% to 50% Load Step,
36 VDC Input.
Upper Trace: Load Current, 2 A/div.
Bottom Trace: Output Voltage,
50 mV/div, 100
µs/div.
Figure 27
− Output Transient Response.
50% to 75% to 50% Load Step,
48 VDC Input.
Upper Trace: Load Current, 2 A/div.
Bottom Trace: Output Voltage,
50 mV/div, 100
µs/div.
Figure 28
− Output Transient Response.
50% to 75% to 50% Load Step,
72 VDC Input.
Upper Trace: Output Current, 2 A/div.
Bottom Trace: Output Voltage,
50 mV/div, 100
µs/div.
Page 23 of 32
Power Integrations, Inc.
Tel: +1 408 414 9660 Fax: +1 408 414 9760
www.powerint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com