Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE58QL022BVC Datasheet(PDF) 32 Page - Zarlink Semiconductor Inc

Part # LE58QL022BVC
Description  Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

LE58QL022BVC Datasheet(HTML) 32 Page - Zarlink Semiconductor Inc

Back Button LE58QL022BVC Datasheet HTML 28Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 29Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 30Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 31Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 32Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 33Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 34Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 35Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 36Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
Le58QL022
Data Sheet
32
Zarlink Semiconductor Inc.
Gain Adjustment
The QLSLAC device’s transmit path has three programmable gain blocks. Gain block GIN is an attenuator with a gain of GIN
(see Electrical Characteristics, on page 10 for the value). Gain block AX is an analog gain of 0 dB or 6.02 dB (unity gain or gain
of 2.0), located immediately before the A/D converter. GX is a digital gain block that is programmable from 0 dB to +12 dB, with
a worst-case step size of 0.1 dB for gain settings below +10 dB, and a worst-case step size of 0.3 dB for gain settings above +10
dB. The filters provide a net gain in the range of 0 dB to 18 dB.
The QLSLAC device receive path has two programmable loss blocks. GR is a digital loss block that is programmable from 0 dB
to 12 dB, with a worst-case step size of 0.1 dB. Loss block AR is an analog loss of 0 dB or 6.02 dB (unity gain or gain of 0.5),
located immediately after the D/A converter. This provides a net loss in the range of 0 dB to 18 dB.
An additional 6 dB attenuation is provided as part of GR, which can be inserted by setting the LRG bit of Command 70/71h. This
allows writing of a single bit to introduce 6 dB of attenuation into the receive path without having to reprogram GR. This 6 dB loss is
implemented as part of GR and the total receive path attenuation must remain in the specified 0 to –12 dB range. If the LRG bit is set,
the programmed value of GR must not introduce more than an additional 6 dB attenuation.
Transmit Signal Processing
In the transmit path (A/D), the analog input signal (VIN) is A/D converted, filtered, companded (for A-law or µ-law), and made
available to the PCM highway in A-law, µ-law, or linear form. If linear form is selected, the 16-bit data will be transmitted in two
consecutive time slots starting at the programmed time slot. The signal processor contains an ALU, RAM, ROM, and control logic
to implement the filter sections. The B, X, and GX blocks are user-programmable digital filter sections with coefficients stored
in the coefficient RAM, while AX is an analog amplifier that can be programmed for 0 dB or 6.02 dB gain. The B, X, and GX
filters can also be operated from an alternate set of default coefficients stored in ROM (Command 60/61h).
The decimator reduces the high input sampling rate to 16 kHz for input to the B, GX, and X filters. The X filter is a six-tap FIR
section which is part of the frequency response correction network. The B filter operates on samples from the receive signal path
in order to provide transhybrid balancing in the loop. The high-pass filter rejects low frequencies such as 50 Hz or 60 Hz, and
may be disabled.
Transmit PCM Interface
The transmit PCM interface transmits a 16-bit linear code (when programmed) or an 8-bit compressed code from the digital A-
law/µ-law compressor. Transmit logic controls the transmission of data onto the PCM highway through output port selection and
time/clock slot control circuitry. The linear data requires two consecutive time slots, while a single time slot is required for A-law/
µ-law data.
In the PCM Signaling state (SMODE = 1), the transmit time slot following the A-law or
µ-law data is used for signaling information.
The two time slots form a single 16-bit data block.
The frame sync (FS) pulse identifies time slot 0 of the transmit frame and all channels (time slots) are referenced to it. The logic
contains user-programmable Transmit Time Slot and Transmit Clock Slot registers.
The Time Slot register is 7 bits wide and allows up to 128 8-bit channels (using a PCLK of 8.192 MHz) in each frame. This feature
allows any clock frequency between 128 kHz and 8.192 MHz (2 to 128 channels) in a system. The data is transmitted in bytes,
with the most significant bit first.
The Clock Slot register is 3 bits wide and may be programmed to offset the time slot assignment by 0 to 7 PCLK periods to
eliminate any clock skew in the system. An exception occurs when division of the PCLK frequency by 64 kHz produces a nonzero
remainder, R, and when the transmit clock slot is greater than R. In that case, the R-bit fractional time slot after the last full time
slot in the frame will contain random information and will have the TSC output turned on. For example, if the PCLK frequency is
1.544 MHz (R = 1) and the transmit clock slot is greater than 1, the 1-bit fractional time slot after the last full time slot in the frame
will contain random information, and the TSC output will remain active during the fractional time slot. In such cases, problems
can be avoided by not using the last time slot.
The PCM data may be user programmed for output onto either the DXA or DXB port or both ports simultaneously.
Correspondingly, either TSCA or TSCB or both are Low during transmission.
The DXA/DXB and TSCA/TSCB outputs can be programmed to change either on the negative or positive edge of PCLK.
Transmit data can also be read through the microprocessor interface using Command CDh.
Receive Signal Processing
In the receive path (D/A), the digital signal is expanded (for A-law or µ-law), filtered, converted to analog, and passed to the VOUT
pin. The signal processor contains an ALU, RAM, ROM, and Control logic to implement the filter sections. The Z, R, and GR
blocks are user-programmable filter sections with their coefficients stored in the coefficient RAM, while AR is an analog amplifier
which can be programmed for a 0 dB or 6.02 dB loss. The Z, R, and GR filters can also be operated from an alternate set of default
coefficients stored in ROM (Command 60/61h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com