Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE58QL022BVC Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # LE58QL022BVC
Description  Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

LE58QL022BVC Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  LE58QL022BVC Datasheet HTML 1Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 2Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 3Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 4Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 5Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 6Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 7Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 8Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
NOTE: On August 3, 2007, Zarlink Semiconductor acquired the products and
technology of Legerity Holdings.
Document ID# 080814
Date:
April 09 2009
Version:
5
Distribution:
Public Document
Le58QL022
Quad Low Voltage Subscriber Line Audio-Processing Circuit
VE580 Series
APPLICATIONS
Codec function on telephone switch line cards
FEATURES
Low-power, 3.3 V CMOS technology with 5 V tolerant
digital inputs
Software and coefficient compatible to the Am79Q02/
021/031 QSLAC device
Performs the functions of four codec/filters
Software programmable:
— SLIC input impedance
— Transhybrid balance
— Transmit and receive gains
— Equalization (frequency response)
— Digital I/O pins
— Programmable debouncing on one input
— Time slot assigner
— Programmable clock slot and PCM transmit clock edge
options
Standard microprocessor interface
A-law, µ-law, or linear coding
Single or Dual PCM ports available
— Up to 128 channels (PCLK at 8.192 MHz) per PCM port
— Optional supervision on the PCM highway
1.536, 1.544, 2.048, 3.072, 3.088, 4.096, 6.144, 6.176, or
8.192 MHz master clock derived from MCLK or PCLK
Built-in test modes with loopback, tone generation,
and µP access to PCM data
Mixed state (analog and digital) impedance scaling
Performance guaranteed over a 12 dB gain range
Real Time Data register with interrupt (open drain or
TTL output)
Supports multiplexed SLIC device outputs
Broadcast state
256 kHz or 293 kHz chopper clock for Legerity SLIC
devices with switching regulator
Maximum channel bandwidth for V.90 modems
ORDERING INFORMATION
1.
The green package meets RoHS Directive 2002/95/EC of the
European Council to minimize the environmental impact of
electrical equipment.
2.
For delivery using a tape and reel packing system, add a "T" suffix
to the OPN (Ordering Part Number) when placing an order.
Device
Package (Green)1
Packing2
Le58QL022BVC
44-pin TQFP
Tray
RELATED LITERATURE
080754 Le58QL061/063 QLSLAC™ Data Sheet
080147 Le79Q02/021/031 QSLAC™ Data Sheet
080193 Le79Q061/063 QSLAC™ Data Sheet
080761 QSLAC™ to QLSLAC™ Design Conversion
Guide
080758 QSLAC™ to QLSLAC™ Guide to New Designs
DESCRIPTION
The Le58QL022 Quad Low Voltage Subscriber Line Audio-
Processing Circuit (QLSLAC™) devices integrate the key
functions of analog line cards into high-performance, very-
programmable, four-channel codec-filter devices. The
QLSLAC devices are based on the proven design of Legerity’s
reliable SLAC™ device families. The advanced architecture of
the QLSLAC devices implements four independent channels
and employs digital filters to allow software control of
transmission, thus providing a cost-effective solution for the
audio-processing function of programmable line cards. The
QLSLAC devices are software and coefficient compatible to the
QSLAC devices.
Advanced submicron CMOS te chno logy makes the
Le58QL022 QLSLAC devices economical, with both the
functionality and the low power consumption needed in line
card designs to maximize line card density at minimum cost.
When used with four Legerity SLIC devices, a QLSLAC device
provides a complete software-configurable solution to the
BORSCHT functions.
BLOCK DIAGRAM
Signal Processing
Channel 1 (CH 1)
Signal Processing
Channel 2 (CH 2)
Signal Processing
Channel 3 (CH 3)
Signal Processing
Channel 4 (CH 4)
VIN
1
VOUT
1
VIN
2
VOUT
2
VIN
3
VOUT
3
VIN
4
VOUT
4
Analog
SLIC
Clock
&
Reference
Circuits
SLIC
Interface
(SLI)
VREF
CD1
1
CD2
1
C3
1
C4
1
C5
1
CD1
2
CD2
2
C3
2
C4
2
C5
2
CD1
3
CD2
3
C3
3
C4
3
C5
3
CD1
4
CD2
4
C3
4
C4
4
C5
4
Time Slot Assigner
(TSA)
DXA
DRA
TSCA
DXB
DRB
TSCB
Microprocessor Interface
(MPI)
INT
CS
DIO
DCLK
RST
FS
PCLK
MCLK/E1
Dual/Single
PCM
Highway
Microprocessor
CHCLK


Similar Part No. - LE58QL022BVC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LE507 ETC-LE507 Datasheet
66Kb / 3P
Class A Output Stage with Input Biasing
logo
STMicroelectronics
LE50AB STMICROELECTRONICS-LE50AB Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
LE50AB STMICROELECTRONICS-LE50AB Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
LE50ABD STMICROELECTRONICS-LE50ABD Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
LE50ABD-TR STMICROELECTRONICS-LE50ABD-TR Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
More results

Similar Description - LE58QL022BVC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1997
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
logo
List of Unclassifed Man...
AM79Q02 ETC1-AM79Q02 Datasheet
1Mb / 68P
Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
logo
Advanced Micro Devices
AM79D2251 AMD-AM79D2251 Datasheet
410Kb / 35P
Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
AM79C03 AMD-AM79C03 Datasheet
723Kb / 48P
Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
logo
List of Unclassifed Man...
AM79Q4457 ETC1-AM79Q4457 Datasheet
661Kb / 44P
Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Advanced Micro Devices
AM7905A AMD-AM7905A Datasheet
1Mb / 33P
Subscriber Line Audio-Processing Circuit(SLAC)Device
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com