Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE58QL022BVC Datasheet(PDF) 49 Page - Zarlink Semiconductor Inc

Part # LE58QL022BVC
Description  Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

LE58QL022BVC Datasheet(HTML) 49 Page - Zarlink Semiconductor Inc

Back Button LE58QL022BVC Datasheet HTML 45Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 46Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 47Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 48Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 49Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 50Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 51Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 52Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 53Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
Le58QL022
Data Sheet
49
Zarlink Semiconductor Inc.
88/89h Write/Read X Filter Coefficients
R/W = 0: Write
R/W = 1: Read
Cxy
= 0 or 1 in the command above corresponds to Cxy = +1 or −1, respectively, in the equation below.
The Z-transform equation for the X filter is defined as:
Sample rate = 16 kHz
For i = 0 to 5, the coefficients for the X filter are defined as:
Power Up and Hardware Reset (RST) Values = 0111 0190 0190 0190 0190 0190 (Hex)
(Hx(z) = 1)
See note under Command 80/81h on page 46.
D7
D6
D5
D4
D3
D2
D1
D0
Command
1000100
R/W
I/O Input Data Byte 1
C40
m40
C30
m30
I/O Input Data Byte 2
C20
m20
C10
m10
I/O Input Data Byte 3
C41
m41
C31
m31
I/O Input Data Byte 4
C21
m21
C11
m11
I/O Input Data Byte 5
C42
m42
C32
m32
I/O Input Data Byte 6
C22
m22
C12
m12
I/O Input Data Byte 7
C43
m43
C33
m33
I/O Input Data Byte 8
C23
m23
C13
m13
I/O Input Data Byte 9
C44
m44
C34
m34
I/O Input Data Byte 10
C24
m24
C14
m14
I/O Input Data Byte 11
C45
m45
C35
m35
I/O Input Data Byte 12
C25
m25
C15
m15
H
x z
()
x
0
x
1z
1
–
x
2z
2
–
x
3z
3
–
x
4z
4
–
x
5z
5
–
+++
++
=
Xi
C1i
2
m1i
–
•
1C2i
2
m2i
–
1
C3i
2
m3i
–
•
1C4i
2
m4i
–
•
+
()
+
[]
•
+
{}
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com