Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE58QL022BVC Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # LE58QL022BVC
Description  Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

LE58QL022BVC Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button LE58QL022BVC Datasheet HTML 3Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 4Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 5Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 6Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 7Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 8Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 9Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 10Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
Le58QL022
Data Sheet
7
Zarlink Semiconductor Inc.
PIN DESCRIPTIONS
Pin Names
Type
Description
AGND/DGND
Power
Separate analog and digital grounds are provided to allow noise isolation; however, the two
grounds are connected inside the part, and the grounds must also be connected together on
the circuit board.
CD11–CD14,
CD21–CD24
Inputs/Outputs
Control and Data. CD1 and CD2 are TTL compatible programmable Input or Output (I/O)
ports. They can be used to monitor or control the state of SLIC or any other device associated
with the subscriber line interface. The direction, input or output, is programmed using MPI
Command 54/55h. As outputs, CD1 and CD2 can be used to control relays, illuminate LEDs,
or perform any other function requiring a latched TTL compatible signal for control. The output
state of CD1 and CD2 is written using MPI Command 52h. As inputs, CD1 and CD2 can be
processed by the QLSLAC device (if programmed to do so). CD1 can be debounced before
it is made available to the system. The debounce time is programmable from 0 to 15 ms in 1
ms increments using MPI Command C8/C9h. CD2 can be filtered using the up/down counter
facility and programming the sampling interval using MPI Command E8/E9h.
Additionally, CD1 can be demultiplexed into two separate inputs using the E1 demultiplexing
function. The E1 demultiplexing function of the QLSLAC device was designed to interface
directly to Legerity SLICS supporting the ground key function. With the proper Legerity SLIC
and the E1 function of the QLSLAC enabled, the CD1 bit can be demultiplexed into an Off-
Hook/Ring Trip signal and Ground Key signal. In the demultiplex mode, the second bit,
Ground Key, takes the place of the CD2 as an input. The demultiplexed bits can be debounced
(CD1) or filtered (CD2) as explained previously. A more complete description of CD1, CD2,
debouncing, and filtering functions is contained in Operating the QLSLAC Device, on page 25.
Once the CD1 and CD2 inputs are processed (Debounced, Filtered and/or Demultiplexed) by
the QLSLAC device, the information can be accessed by the system in two ways: 1) on a per
channel basis along with C3, C4, and C5 of the specific channel using MPI Command 53h, or
2) by using MPI Command 4D/4Fh, which obtain the CD1 and CD2 bits from all four channels
simultaneously. This feature reduces the processor overhead and the time required to retrieve
time-critical signals from the line circuits, such as off-hook and ring trip. With this feature,
hookswitch status and ring trip information, for example, can be obtained from all four
channels of a QLSLAC device with one read command.
C31–C34,
C41–C44,
C51–C54
Inputs/Outputs
Control. C3, C4, and C5 are TTL-compatible programmable Input or Output (I/O) ports. They
can be used to monitor or control the state of the SLIC device or any other device associated
with subscriber line interface. The direction, input or output, is programmed using MPI
Command 54/55h. As outputs, C3, C4, and C5 can be used to control relays, illuminate LEDs,
or perform any other function requiring a latched TTL compatible signal for control. The output
state of C3, C4, and C5 is written using MPI Command 52h. As inputs, C3, C4, and C5 can
be accessed by the system by using MPI Command 53h.
The Le58QL022 QLSLAC device contains a single PCM highway and five programmable I/
Os per channel (CD1, CD2, C3, C4, and C5) in a 44-pin PLCC or TQFP package. In the
Le58QL03 QLSLAC device, the C51, C52, C53, and C54 I/Os are eliminated, enabling dual
PCM highways and a chopper clock output in a 44-pin PLCC or TQFP package. In the
Le58QL032 QLSLAC device, the C31–C51, C32–C52, C33–C53, and C34–C54 I/Os are
eliminated, enabling a single PCM highway and two control and data I/Os (CD1, CD2) per
channel in a 32-pin PLCC package.
CHCLK
Output
Chopper Clock. This output provides a 256 kHz or a 292.57 kHz, 50% duty cycle, TTL-
compatible clock for use by up to four SLICs with built-in switching regulators. The CHCLK
frequency is synchronous to the master clock, but the phase relationship to the master clock is
random. The chopper clock is not available in all package types.
CS
Input
Chip Select. The Chip Select input (active Low) enables the device so that control data can
be written to or read from the part. The channels selected for the write or read operation are
enabled by writing 1 s to the appropriate bits in the Channel Enable Register of the QLSLAC
device prior to the command. See EC1, EC2, EC3, and EC4 of the Command 4A/4Bh Write/
Read Channel Enable and Operating Mode Register, on page 42 for more information. If Chip
Select is held Low for 16 rising edges of DCLK, a hardware reset is executed when Chip
Select returns High.
DCLK
Input
Data Clock. The Data Clock input shifts data into and out of the microprocessor interface of
the QLSLAC device. The maximum clock rate is 8.192 MHz.
DIO
Input/Output
Data. Control data is serially written into and read out of the QLSLAC device via the DIO pin,
with the most significant bit first. The Data Clock determines the data rate. DIO is high
impedance except when data is being transmitted from the QLSLAC device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com