Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE58QL022BVC Datasheet(PDF) 39 Page - Zarlink Semiconductor Inc

Part # LE58QL022BVC
Description  Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

LE58QL022BVC Datasheet(HTML) 39 Page - Zarlink Semiconductor Inc

Back Button LE58QL022BVC Datasheet HTML 35Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 36Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 37Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 38Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 39Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 40Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 41Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 42Page - Zarlink Semiconductor Inc LE58QL022BVC Datasheet HTML 43Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
Le58QL022
Data Sheet
39
Zarlink Semiconductor Inc.
00h Deactivate (Standby State)
In the Deactivate (Standby) state:
All programmed information is retained.
The Microprocessor Interface (MPI) remains active.
The PCM inputs are disabled and the PCM outputs are high impedance unless signaling on the PCM high
way is programmed (SMODE = 1).
The analog output (VOUT) is disabled and biased at VREF.
The channel status (CSTAT) bit in the SLIC I/O Direction and Channel Status Register is set to 0.
02h Software Reset
The action of this command is identical to that of the RST pin except that it only operates on the channels selected by the
Channel Enable Register and it does not change clock slots, time slots, PCM highways ground key sampling interval, or global
chip parameters. See the note under the hardware reset command that follows.
04h Hardware Reset
Hardware reset is equivalent to pulling the RST on the device Low. This command does not depend on the state of the Channel
Enable Register.
Note:
The action of a hardware reset is described in Reset States on page 30 of the section Operating the QLSLAC Device.
06h No Operation
0Eh Activate Channel (Operational State)
This command places the device in the Active state and sets CSTAT = 1. No valid PCM data is transmitted until after the
third FS pulse is received following the execution of the Activate command.
D7
D6
D5
D4
D3
D2
D1
D0
Command
00000000
D7
D6
D5
D4
D3
D2
D1
D0
Command
00000010
D7
D6
D5
D4
D3
D2
D1
D0
Command
00000100
D7
D6
D5
D4
D3
D2
D1
D0
Command
00000110
D7
D6
D5
D4
D3
D2
D1
D0
Command
00001110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com