Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3362 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3362
Description  Single-String, 3V Minimum VIN, 36V VOUT, Boost LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3362 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3362 Datasheet HTML 1Page - Monolithic Power Systems MP3362 Datasheet HTML 2Page - Monolithic Power Systems MP3362 Datasheet HTML 3Page - Monolithic Power Systems MP3362 Datasheet HTML 4Page - Monolithic Power Systems MP3362 Datasheet HTML 5Page - Monolithic Power Systems MP3362 Datasheet HTML 6Page - Monolithic Power Systems MP3362 Datasheet HTML 7Page - Monolithic Power Systems MP3362 Datasheet HTML 8Page - Monolithic Power Systems MP3362 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MP3362
– SINGLE-STRING, 3V MINIMUM Vin, 36V BOOST LED DRIVER
MP3362 Rev. 1.1
www.MonolithicPower.com
3
2/22/2023
MPS Proprietary Information. Patent Protected Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
SW
Output switch node. SW is the drain of the internal N-channel MOSFET. Connect the
inductor and rectifier to SW to complete the boost converter.
2
VIN
Input supply pin.
This pin can be connected to the regulator’s input supply or to the output
for bootstrap operation.
3
COMP
Error amplifier output compensation. Connect the COMP pin to a series RC network to
compensate the regulator control loop.
4
EN/
DIM
Enable and dimming pin. Used the EN/DIM pin to enable/disable the device, or to initiate
PWM dimming or analog dimming. The following conditions determine how this pin operates:
1. Keep the EN/DIM pin low for 20ms to disable the IC.
2. Apply a <2kHz PWM signal frequency to make the IC work in PWM dimming mode.
3. Apply a >5kHz PWM signal frequency to make the IC work in analog dimming mode.
5
OSC/
SYNC
Switching frequency setting and synchronization pin. Connect a resistor to this pin to
program the switching frequency. Apply a pulse signal between 200kHz and 2.2MHz to
synchronize the switching frequency.
6
FB
Regulation feedback input. The regulation threshold is 0.2V.
7
OVP
Open LED protection pin. OVP pin senses the output voltage to protect the IC during open
LED operation.
8
GND
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com