Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3362 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3362
Description  Single-String, 3V Minimum VIN, 36V VOUT, Boost LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3362 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3362 Datasheet HTML 8Page - Monolithic Power Systems MP3362 Datasheet HTML 9Page - Monolithic Power Systems MP3362 Datasheet HTML 10Page - Monolithic Power Systems MP3362 Datasheet HTML 11Page - Monolithic Power Systems MP3362 Datasheet HTML 12Page - Monolithic Power Systems MP3362 Datasheet HTML 13Page - Monolithic Power Systems MP3362 Datasheet HTML 14Page - Monolithic Power Systems MP3362 Datasheet HTML 15Page - Monolithic Power Systems MP3362 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MP3362
– SINGLE-STRING, 3V MINIMUM Vin, 36V BOOST LED DRIVER
MP3362 Rev. 1.1
www.MonolithicPower.com
12
2/22/2023
MPS Proprietary Information. Patent Protected Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
Calculate the LED current with Equation (1):
FB
LED
FB
V
I
Duty
R
=
(1)
Where VFB is the FB voltage (about 200mV), RFB
is the feedback resistor, and Duty is the PWM
signal duty.
Protections
The
MPQ3326
’s protections include under-
voltage lockout (UVLO), over-voltage protection
(OVP), over-current protection (OCP), short LED
protection, short FB-to-GND protection, short
inductor/diode protection, and thermal protection.
Under-Voltage Lockout (UVLO)
The MP3362 integrates VIN under-voltage lockout
(UVLO) protection. The internal circuit does not
work until VIN reaches the UVLO rising threshold.
Over-Voltage Protection (OVP)
Over-voltage protection (OVP) is detected by
sensing the voltage on the OVP pin. If the OVP
pin’s voltage reaches its high threshold, OVP is
triggered and the IC stops switching. The IC tries
to recover when the OVP
pin’s voltage drops to its
low threshold.
Short Load Protection
Under short load conditions, a large short current
is detected by the FB sense resistor. If the FB-
sensed voltage exceeds 600mV for 20 switching
cycles, short load protection is triggered and the
IC stop switching. The IC resumes when the short
disappears.
High voltage appears on the FB pin under short
load
conditions.
Figure
3
shows
additional
components that are required to protect the FB pin
from damage.
FB
D1
RFB
FB
D1
RFB
R1
a)
b)
Figure 3: Short Load Protection for the FB Pin
Note that there is a short loop from the input to
GND under short load conditions. Use a fuse or an
external circuit to cut off the short loop.
OVP Pin Under-Voltage Protection (UVP)
If the OVP
pin’s voltage drops below 60mV for
10µs during normal operation, under-voltage
protection (UVP) is triggered, and the IC stops
switching. This protection is blanked during soft
start.
Over-Current
Protection
(OCP)
(Short
Inductor/ Diode Protection)
The MP3362 implements cycle-by-cycle current
limit protection. If there is an inductor or diode
short, and the MOSFET
’s current exceeds the
latch-off current limit value (typically 6.5A) for
seven consecutive cycles, over-current protection
(OCP) is triggered. The IC stop switching and
resumes when the short disappears.
Short FB to GND Protection
If the FB voltage drops below 50mV and the
COMP saturation lasts for 20ms, the IC stops
switching. The IC resumes normal operation when
the short disappears.
Thermal Protection
Thermal shutdown prevents the MP3362 from
operating at exceedingly high temperatures. If the
die temperature exceeds the upper threshold (TSD
= 170°C), COMP is pulled low. The IC resumes
normal operation once the die temperature drops
below its lower threshold. The hysteresis is about
20°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com