Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3362 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3362
Description  Single-String, 3V Minimum VIN, 36V VOUT, Boost LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3362 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3362 Datasheet HTML 1Page - Monolithic Power Systems MP3362 Datasheet HTML 2Page - Monolithic Power Systems MP3362 Datasheet HTML 3Page - Monolithic Power Systems MP3362 Datasheet HTML 4Page - Monolithic Power Systems MP3362 Datasheet HTML 5Page - Monolithic Power Systems MP3362 Datasheet HTML 6Page - Monolithic Power Systems MP3362 Datasheet HTML 7Page - Monolithic Power Systems MP3362 Datasheet HTML 8Page - Monolithic Power Systems MP3362 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP3362
Single-String, 3V Minimum VIN, 36V VOUT,
Boost LED Driver
MP3362 Rev. 1.1
www.MonolithicPower.com
1
2/22/2023
MPS Proprietary Information. Patent Protected Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
DESCRIPTION
The MP3362 is a fixed-frequency converter ideal
for
low-current
and
high-current
boost
applications. The low 0.2V feedback voltage
offers higher efficiency in white LED driver
applications.
The MP3362 regulates the output voltage up to
36V with efficiency as high as 95%. Current
mode regulation and external compensation
components allow the MP3362 control loop to be
optimized across a wide variety of input voltages.
The MP3362 supports analog dimming and
PWM dimming on the same pin. A <2kHz input
dimming frequency initiates PWM dimming,
while an >5kHz input initiates analog dimming.
Soft start, cycle-by-cycle current limiting, and
input
under-voltage
lockout
prevent
overstressing or damaging sensitive external
circuitry during start-up or potential overload
current conditions.
The MP3362 is available in a TSOT23-8
package.
FEATURES
• 3V to 36V Input Voltage Range
• 4A Peak Current Limit
• 0.3μA Shutdown Current
• Low 200mV Feedback Voltage
• Configurable 200kHz to 2.2MHz f
SW
• Internal 80mΩ, 40V Power Switch
• High Efficiency
• Analog and PWM Dimming
• Under-Voltage Lockout Protection
• Open/Short LED Protection
• Short FB Protection
• Soft-Start Operation
• Thermal Shutdown
• Available in a TSOT23-8 Package
APPLICATIONS
• Medium-Sized LCD Backlighting
• General Lighting
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
SW
EN/DIM
1
COMP
3
4
5
OSC/
SYNC
GND
6
FB
7
8
OVP
+
+
VIN
RFB
ROVP1
ROVP2
CCOMP
COUT
CIN
L1
D1
VIN
2
ROSC
Efficiency
fSW = 1MHz, 10 LEDs, ILED = 200mA,
L = 4.7
μH/9.5mΩ
0.6
0.7
0.8
0.9
1
0
5
10
15
20
25
30
VIN (V)


Similar Part No. - MP3362

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3360 MPS-MP3360 Datasheet
324Kb / 8P
Highly Integrated Photo Flash Charger and IGBT Driver
MP3360DG MPS-MP3360DG Datasheet
235Kb / 6P
Integrated Photo Flash Changer IGBT Driver EV Board
MP3361 MPS-MP3361 Datasheet
177Kb / 7P
300V, 1A Peak, Integrated Photo Flash Charger and IGBT Driver
MP3361DK MPS-MP3361DK Datasheet
321Kb / 6P
Integrated Photo Flash Changer IGBT Driver EV Board
MP3363 MPS-MP3363 Datasheet
1Mb / 16P
Single-String, 1.8V Minimum VIN, 36V VOUT Boost LED Driver
Rev. 1.0
More results

Similar Description - MP3362

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2846 PAM-PAM2846 Datasheet
956Kb / 14P
Integrated 6 String LED Boost Type Driver
logo
Microsemi Corporation
LXMG1930-28-0X MICROSEMI-LXMG1930-28-0X Datasheet
195Kb / 8P
3-String 5W LED Backlight Boost Driver Module
LXMG1960-28-0X MICROSEMI-LXMG1960-28-0X Datasheet
199Kb / 8P
6-String 5W LED Backlight Boost Driver Module
logo
Micrel Semiconductor
MIC69301 MICREL-MIC69301_11 Datasheet
438Kb / 13P
Single Supply VIN, Low VIN, Low VOUT, 3ALDO
logo
Eutech Microelectronics...
EUP2589 EUTECH-EUP2589 Datasheet
205Kb / 1P
12 String White LED Driver With Boost Controller
logo
Recom International Pow...
RBD-12 RECOM-RBD-12 Datasheet
160Kb / 3P
Buck- Boost LED Driver up to Vout=40V
logo
Linear Dimensions Semic...
LND1937 LINEAR_DIMENSIONS-LND1937 Datasheet
72Kb / 1P
36V BOOST DC/DC LED DRIVER
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
Multi-String Boost White LED Driver
logo
Linear Technology
LT3922 LINER-LT3922 Datasheet
895Kb / 8P
36V 2A Synchronous 2MHz Boost LED Driver
logo
Monolithic Power System...
MP3363 MPS-MP3363 Datasheet
1Mb / 16P
Single-String, 1.8V Minimum VIN, 36V VOUT Boost LED Driver
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com