Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3362 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3362
Description  Single-String, 3V Minimum VIN, 36V VOUT, Boost LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3362 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3362 Datasheet HTML 9Page - Monolithic Power Systems MP3362 Datasheet HTML 10Page - Monolithic Power Systems MP3362 Datasheet HTML 11Page - Monolithic Power Systems MP3362 Datasheet HTML 12Page - Monolithic Power Systems MP3362 Datasheet HTML 13Page - Monolithic Power Systems MP3362 Datasheet HTML 14Page - Monolithic Power Systems MP3362 Datasheet HTML 15Page - Monolithic Power Systems MP3362 Datasheet HTML 16Page - Monolithic Power Systems MP3362 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP3362
– SINGLE-STRING, 3V MINIMUM Vin, 36V BOOST LED DRIVER
MP3362 Rev. 1.1
www.MonolithicPower.com
13
2/22/2023
MPS Proprietary Information. Patent Protected Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
APPLICATION INFORMATION
LED Current Setting
The LED current is set by the feedback resistor
(RFB). RFB can be calculated with Equation (2):
FB
LED
200mV
R
I
=
(2)
Switching Frequency Setting
The switching frequency (fSW) is set by an external
resistor (ROSC) at the OSC/SYNC pin. fSW can be
estimated with Equation (3):
SW
OSC
40000
f
(kHz)
R
(k )
=
(3)
A PWM signal (200kHz to 2.2MHz) on the
OSC/SYNC pin can also synchronize fSW.
Selecting the Inductor
The minimum inductance to make the circuit work
in continuous conduction mode (CCM) can be
calculated with Equation (4):
IN
O
IN
OL
sw
V
(V
V )
L=
V
I
f
−
  
(4)
Where
∆IL is the peak-to-peak current of the inductor.
If the inductance is below this minimum value, the
circuit works in discontinuous conduction mode
(DCM).
Design
∆IL to be between 30% and 60% of the
average inductor current, estimated with Equation
(5):
O
LED
L_AVG
IN
VI
I=
V
(5)
Ensure that the saturated inductor current exceeds
the inductor peak current, estimated with Equation
(6):
L_PK
L_AVG
L
1
I
=I
+
I
2
(6)
Over-Voltage Protection (OVP) Setting
Set the over-voltage-protection (OVP) voltage
threshold above 10% to 20% of the output voltage.
The OVP voltage can be set with a voltage divider
(see the Typical Application Circuit section on
page 15). The threshold can be calculated with
Equation (7):
OVP1
OVP2
OVP
OVP2
RR
V
(V)=
1.2(V)
R
+
(7)
Selecting the Diode
Choose a diode with voltage rating greater than
the OVP point, and leave a 20% margin. The
current rating should be approximately two to
three times greater than the LED current.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. Ceramic capacitors with
X7R dielectrics are recommended due to their low
ESR and small temperature coefficients.
Select a capacitor that limits the input voltage
ripple (
∆VIN) below 5% to 10% of its DC value. The
capacitance can be calculated with Equation (8):
L
IN
IN
sw
I
C
8
V
f
 
(8)
Selecting the Output Capacitor
Select an output capacitor that limits the output
voltage ripple (
∆VO) below 1% to 5% of its DC
value, and ensures feedback loop stability. The
capacitance can be estimated with Equation (9):
LED
O
IN
OUT
O
sw
O
I
(V
V )
C
V
f
V
−
(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com