Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3362 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3362
Description  Single-String, 3V Minimum VIN, 36V VOUT, Boost LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3362 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3362 Datasheet HTML 7Page - Monolithic Power Systems MP3362 Datasheet HTML 8Page - Monolithic Power Systems MP3362 Datasheet HTML 9Page - Monolithic Power Systems MP3362 Datasheet HTML 10Page - Monolithic Power Systems MP3362 Datasheet HTML 11Page - Monolithic Power Systems MP3362 Datasheet HTML 12Page - Monolithic Power Systems MP3362 Datasheet HTML 13Page - Monolithic Power Systems MP3362 Datasheet HTML 14Page - Monolithic Power Systems MP3362 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MP3362
– SINGLE-STRING, 3V MINIMUM Vin, 36V BOOST LED DRIVER
MP3362 Rev. 1.1
www.MonolithicPower.com
11
2/22/2023
MPS Proprietary Information. Patent Protected Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
OPERATION
The MP3362 drives the internal MOSFET with
current mode architecture to regulate the LED
current, which is measured through an external
current-sense resistor.
The MP3362 employs a special circuit to regulate
the internal power supply, which covers a wide
input voltage range. The switching frequency can
be configured. The device integrates under-
voltage lockout (UVLO), over-voltage protection
(OVP), over-current protection (OCP), short LED
protection, short FB to GND protection, short
inductor/diode protection, and thermal protection.
Step-Up Converter
The MP3362 uses peak current control mode to
regulate the output energy. At the beginning of
each switching cycle, the internal clock turns on
the internal N-channel MOSFET (in normal
operation, the minimum turn-on time is about
50ns). A stabilizing ramp is added to the output of
the
current-sense
amplifier
to
prevent
subharmonic
oscillations
for
duty
cycles
exceeding 50%. This result is fed into the PWM
comparator. If the summed voltage reaches the
output voltage of the error amplifier, the internal
MOSFET turns off (for improved stability, the turn-
off time should exceeds 100ns).
The output voltage of the internal error amplifier is
an amplified signal of the difference between the
reference voltage and the FB voltage.
If the feedback voltage drops below the reference
voltage, the output of the error amplifier increases.
This results in more current flowing through the
MOSFET, which increases the power delivered to
the output. This forms a closed loop that regulates
the output voltage.
If VOUT is almost equal to VIN under light-load
conditions, the converter runs in pulse-skip mode.
The MOSFET turns on for a minimum on time, and
then the converter discharges the power to the
output for the remaining period. The internal
MOSFET remains off until the output voltage
requires another boost.
Soft Start
The MP3362 implements soft start by limiting the
current capability of the internal error amplifier
during start-up. The COMP voltage jumps to its
clamp voltage at the beginning of start-up. The
source/sink current of the internal error amplifier is
limited to about 10µA until the FB voltage reaches
80% of the internal reference voltage during start-
up. The maximum soft-start time is limited to 10ms
to prevent the IC from always being in soft start
during deep analog dimming.
VEN/DIM
VCOMP
ILED
0.8 x
ILED
VIN
Figure 2: Soft Start
Enable (EN) and Dimming (DIM)
The EN/DIM pin can be used for different functions
when different signals are applied on this pin.
These functions are described below:
1. Enable/disable: If the EN/DIM pin is pulled
high, the IC is enabled; if the EN/DIM pin is
pulled low for 20ms, the IC is disabled.
2. PWM dimming (fPWM < 2kHz): If the PWM
signal has a frequency below 2kHz, the IC
operates in PWM dimming mode. If the PWM
signal is low in PWM dimming mode, the IC
stops switching, and the output voltage and
output current drop. If the PWM signal is high,
the IC starts switching, and the output voltage
and output current begin to rise. This condition
prohibits soft start.
3. Analog dimming (fPWM > 5kHz): If the PWM
signal has a frequency exceeding 5kHz, the IC
operates in analog dimming mode. The LED
current can be changed by changing the PWM
duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com