Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5630BT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA5630BT
Description  9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5630BT Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA5630BT Datasheet HTML 1Page - NXP Semiconductors TDA5630BT Datasheet HTML 2Page - NXP Semiconductors TDA5630BT Datasheet HTML 3Page - NXP Semiconductors TDA5630BT Datasheet HTML 4Page - NXP Semiconductors TDA5630BT Datasheet HTML 5Page - NXP Semiconductors TDA5630BT Datasheet HTML 6Page - NXP Semiconductors TDA5630BT Datasheet HTML 7Page - NXP Semiconductors TDA5630BT Datasheet HTML 8Page - NXP Semiconductors TDA5630BT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1996 Jun 06
4
Philips Semiconductors
Product specification
9 V VHF and UHF mixer/oscillator for TV
and VCR cable tuners
TDA5630BT
PINNING
SYMBOL
PIN
DESCRIPTION
CIN1
1
band C input 1
CIN2
2
band C input 2
RFGND
3
ground for RF inputs
AIN
4
band A input
VP
5
supply voltage
LOOUT1
6
local oscillator amplifier output 1
LOOUT2
7
local oscillator amplifier output 2
BS
8
band switch input
IFOUT1
9
IF amplifier output 1
IFOUT2
10
IF amplifier output 2
GND
11
ground (0 V)
COSCOC1
12
band C oscillator output collector 1
COSCOC2
13
band C oscillator output collector 2
AOSCOC
14
band A oscillator output collector
COSCIB
15
band C oscillator input base
AOSCIB
16
band A oscillator input base
Fig.2 Pin configuration.
handbook, halfpage
TDA5630BT
MBE318
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IFOUT1
IFOUT2
GND
COSCOC1
COSCOC2
AOSCOC
COSCIB
AOSCIB
CIN1
CIN2
RFGND
AIN
V
LOOUT1
LOOUT2
BS
P
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
HANDLING
Human body model: the IC withstands 2000 V in accordance with the UZW-B0/FQ-A302 specification equivalent to the
MIL-STD-883C category B (2000 V)
(stress reference pins RFGND, GND and VP short-circuited together).
Machine model: the IC withstands 200 V in accordance with the UZW-B0/FQ-B302 specification
(issue date: Nov 6th, 1990)
(stress reference pins RFGND, GND and VP short-circuited together).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VP
supply voltage
−0.3
+10.5
V
VSW
switching voltage
0
10.5
V
IO
output current of each pin referenced to ground
−−10
mA
ts(max)
maximum short-circuit time (all pins)
−
10
s
Tstg
IC storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−10
+70
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
115
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com