Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5630BT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA5630BT
Description  9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5630BT Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA5630BT Datasheet HTML 1Page - NXP Semiconductors TDA5630BT Datasheet HTML 2Page - NXP Semiconductors TDA5630BT Datasheet HTML 3Page - NXP Semiconductors TDA5630BT Datasheet HTML 4Page - NXP Semiconductors TDA5630BT Datasheet HTML 5Page - NXP Semiconductors TDA5630BT Datasheet HTML 6Page - NXP Semiconductors TDA5630BT Datasheet HTML 7Page - NXP Semiconductors TDA5630BT Datasheet HTML 8Page - NXP Semiconductors TDA5630BT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1996 Jun 06
2
Philips Semiconductors
Product specification
9 V VHF and UHF mixer/oscillator for TV
and VCR cable tuners
TDA5630BT
FEATURES
• Balanced mixer with a common emitter input for band A
(single input)
• 2-pin oscillator for band A
• Balanced mixer with a common base input for band C
• 3-pin oscillator for band C
• Local oscillator buffer output for external prescaler
• SAW filter preamplifier with a low output impedance to
drive a SAW filter
• Band gap voltage stabilizer for oscillator stability
• Electronic band switch.
APPLICATIONS
• Cable tuners for TV and VCR
(switched concept for VHF)
• Recommended RF bands for Europe:
48.25 to 105.25 MHz, 112.25 to 294.25 MHz and
471.25 to 855.25 MHz
• Recommended RF bands for the USA:
55.25 to 133.25 MHz, 139.25 to 361.25 MHz and
367.25 to 801.25 MHz.
GENERAL DESCRIPTION
The TDA5630BT is a monolithic integrated circuit that
performs VHF and UHF mixer/oscillator functions in TV
and VCR cable tuners. With a proper oscillator application
and by using a switchable inductor to split the VHF band
into two sub-bands, the full VHF/UHF TV bands can be
covered. This low-power mixer/oscillator requires a power
supply of 9 V and is available in a very small package.
The device gives the designer the capability to design an
economical and physically small cable tuner.
The tuner development time can be drastically reduced by
using this device.
Frequency bands are determined by the external tank
circuit. They can be adapted to various standards.
QUICK REFERENCE DATA
Note
1. The limits are related to the tank circuits used in Fig.11 and the intermediate frequency. Frequency bands may be
adjusted by the choice of external components.
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
−
9.0
−
V
IP
supply current
−
48
−
mA
fRF
frequency range (picture carrier)
RF input; band A; note 1
45
−
470
MHz
RF input; band C; note 1
430
−
860
MHz
Gv
voltage gain
band A
−
25
−
dB
band C
−
36
−
dB
NF
noise figure
band A
−
7.5
−
dB
band C
−
9.0
−
dB
Vo
output voltage to get 1% cross
modulation in channel
band A
−
118
−
dB
µV
band C
−
120
−
dB
µV
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA5630BT
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com