Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5630BT Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA5630BT
Description  9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5630BT Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA5630BT Datasheet HTML 9Page - NXP Semiconductors TDA5630BT Datasheet HTML 10Page - NXP Semiconductors TDA5630BT Datasheet HTML 11Page - NXP Semiconductors TDA5630BT Datasheet HTML 12Page - NXP Semiconductors TDA5630BT Datasheet HTML 13Page - NXP Semiconductors TDA5630BT Datasheet HTML 14Page - NXP Semiconductors TDA5630BT Datasheet HTML 15Page - NXP Semiconductors TDA5630BT Datasheet HTML 16Page - NXP Semiconductors TDA5630BT Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1996 Jun 06
13
Philips Semiconductors
Product specification
9 V VHF and UHF mixer/oscillator for TV
and VCR cable tuners
TDA5630BT
Component values for measurement circuit
Table 1
Capacitors (all SMD and NP0 except C28)
Table 2
Resistors (all SMD)
COMPONENT
VALUE
C1
82 pF
C2
5.6 pF
C3
100 pF
C4
150 pF
C5
2.2 pF
C6
1 pF
C7
2.2 pF
C8
1 pF
C9
1.8 pF
C10
2.2 pF
C11
3.9 pF
C12
1 nF
C13
1 nF
C16
1 nF
C17
1.5 nF
C18
1.5 nF
C19
1 nF
C20
1 nF
C21
1.5 nF
C22
1 nF
C23
1 nF
C24
18 pF
C25
1.5 nF
C26
1.5 nF
C28
1
µF; 40 V electrolytic
C29
1.5 nF
C30
0.56 pF
COMPONENT
VALUE
R1
47 k
Ω
R2
22 k
Ω
R3
2.2 k
Ω
R4
22 k
Ω
R6
22
Ω
R7
1 k
Ω
R12
470
Ω
Table 3
Diodes and IC
Table 4
Coils (wire size 0.4 mm)
Table 5
Transformers; note 1
Note
1. Coil type: TOKO 7 kN; material: 113 kN; screw core
03-0093; pot core 04-0026.
COMPONENT
VALUE
D1
BB911
D2
BB405 or BB215
D3
BB909 or BB219
IC
TDA5630BT
COMPONENT
VALUE
L1
7.5 turns; diameter 3 mm
L2
2.5 turns; diameter 3 mm
L3
1.5 turns; diameter 2.5 mm
L4
1.5 turns; diameter 4 mm
L5
4.7
µH; choke coil
COMPONENT
VALUE
L6
2
× 5 turns
L7
2 turns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com