Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5630BT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA5630BT
Description  9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5630BT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA5630BT Datasheet HTML 2Page - NXP Semiconductors TDA5630BT Datasheet HTML 3Page - NXP Semiconductors TDA5630BT Datasheet HTML 4Page - NXP Semiconductors TDA5630BT Datasheet HTML 5Page - NXP Semiconductors TDA5630BT Datasheet HTML 6Page - NXP Semiconductors TDA5630BT Datasheet HTML 7Page - NXP Semiconductors TDA5630BT Datasheet HTML 8Page - NXP Semiconductors TDA5630BT Datasheet HTML 9Page - NXP Semiconductors TDA5630BT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1996 Jun 06
6
Philips Semiconductors
Product specification
9 V VHF and UHF mixer/oscillator for TV
and VCR cable tuners
TDA5630BT
Band C mixer including IF amplifier; measurements using hybrid; note 10
fRF
frequency range
Vt = 0.45 to 28 V; note 1
430
−
860
MHz
Gv
voltage gain
fRF = 430 MHz; see Fig.7; note 2
33
36
39
dB
fRF = 860 MHz; see Fig.7; note 2
33
36
39
dB
NF
noise figure
not corrected for image
fRF = 430 MHz; see Fig.8
−
910
dB
fRF = 860 MHz; see Fig.8
−
11
12
dB
Vo
output voltage
causing 1% cross modulation in channel
fRF = 430 MHz; see Fig.9
116
120
−
dB
µV
fRF = 860 MHz; see Fig.9
116
120
−
dB
µV
Vi
input voltage
causing 10 kHz pulling in channel;
fRF = 860 MHz; note 3
−
84
−
dB
µV
causing N + 5 - 1 MHz pulling;
fRF = 820 MHz; see Fig.10
−
63
−
dB
µV
Zi
input impedance (RS +jLSω)RS at fRF = 430 MHz; see Fig.13; note 4
−
40
−Ω
RS at fRF = 860 MHz; see Fig.13; note 4
−
53
−Ω
LS at fRF = 430 to 860 MHz; see Fig.13;
note 4
−
9
−
nH
Band C oscillator
fosc
frequency range
note 5; Vt = 0.45 to 28 V
470
−
900
MHz
fshift
frequency shift
∆VP = 10%; note 6
−−
400
kHz
fdrift
frequency drift
∆T=25 °C with no compensation;
NP0 capacitors; note 7
−−
2.5
MHz
5 s to 15 min after switch on; with no
compensation; NP0 capacitors; note 8
−
1000
1300
kHz
5 s to 15 min after switch on; with
compensation; note 9
−
550
950
kHz
IF amplifier
s22
output reflection coefficient
magnitude; see Fig.14; note 4
−−10
−
dB
phase; see Fig.14; note 4
−
9
−
o
Zo
output impedance
(RS +jLSω)
RS; see Fig.14; note 4
−
95
−Ω
LS; see Fig.14; note 4
−
45
−
nH
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com