Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5630BT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA5630BT
Description  9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5630BT Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA5630BT Datasheet HTML 1Page - NXP Semiconductors TDA5630BT Datasheet HTML 2Page - NXP Semiconductors TDA5630BT Datasheet HTML 3Page - NXP Semiconductors TDA5630BT Datasheet HTML 4Page - NXP Semiconductors TDA5630BT Datasheet HTML 5Page - NXP Semiconductors TDA5630BT Datasheet HTML 6Page - NXP Semiconductors TDA5630BT Datasheet HTML 7Page - NXP Semiconductors TDA5630BT Datasheet HTML 8Page - NXP Semiconductors TDA5630BT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1996 Jun 06
3
Philips Semiconductors
Product specification
9 V VHF and UHF mixer/oscillator for TV
and VCR cable tuners
TDA5630BT
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MBE319
BAND A
OSCILLATOR
BAND C
OSCILLATOR
MIXER
MIXER
BAND A
STAGE
BAND C
STAGE
3
2
1
4
7
6
DC
STABILIZER
5
8
LOCAL
OSCILLATOR
AMPLIFIER
ELECTRONIC
BAND SWITCH
IF
AMPLIFIER
9
10
11
12
13
15
14
16
band C inputs
RF
GND
band A input
local oscillator
amplifier outputs
V
band switch
input
P
TDA5630BT
IF outputs
GND
band C oscillator
tuned circuit
band A oscillator
tuned circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com