Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR081Q Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPR081Q
Description  Touch Pad Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR081Q Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPR081Q Datasheet HTML 1Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 2Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 3Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MPR081
Sensors
4
Freescale Semiconductor
Figure 2. MPR081 Pinout
Table 6. Pin Description
Pin
Name
Function
1RST
Reset Input. Active low clears the 2-wire interface and puts the device in the same
condition as power-up reset.
2IRQ
Interrupt Output. IRQ is the active-low open-drain interrupt output signalling new events.
3
VDD
Positive Supply Voltage Bypass VDD to VSS with a 0.1µF ceramic capacitor
4
VSS
Ground
5
SCL
I²C-Compatible Serial Clock Input
6
SDA
I²C-Compatible Serial Data I/O
7
AD0
Address input 0. Connect to VSS to select device slave address 0x4C. Connect to VDD
to select device slave address 0x4D.
8
SOUNDER
Sounder driver output. Connect a piezo-ceramic sounder from this output to ground.
Output is push-pull.
9 - 16
RNW, RW, RSW, RS,
RSE, RE, RNE, RN
Rotary Touch Inputs. Connect the 8 inputs to a 16-position rotary sensor.
PAD
Exposed Pad
Exposed Pad on Package Underside (QFN only). Connect to VSS.
RS
RSW
RW
RNW
VDD
VSS
RST
IRQ
MPR081Q
1
8
7
6
5
4
3
2
13
14
15
16
12
9
10
11
RN
RNE
RE
RSE
RS
RSW
RW
RNW
VDD
VSS
SCL
SDA
AD0
SOUNDER
RST
IRQ
MPR081EJ
1
4
3
2
5
8
7
6
16
13
14
15
12
9
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com