Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR081Q Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPR081Q
Description  Touch Pad Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR081Q Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPR081Q Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MPR081
Sensors
12
Freescale Semiconductor
Table 11. Fault Register Format
Register
R/W
Register
Address
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Read Fault Register
1
0x01
0
0
0
0
0
0
0
Fault
Write Fault Register
0
0
0
0
0
0
0
0
0
No faults have been detected on the electrode inputs
1
X
X
X
X
X
X
0
0
One or more electrode inputs is detected as shorted to VDD
X
X
X
X
X
X
0
1
One or more electrode inputs is detected as shorted to VSS
X
X
X
X
X
X
1
0
Table 12. Current Rotary Register Format
Register
R/W
Register Address
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Read Current Rotary Status Register
1
0x02
0
0
0
Current Rotary Position
Write Current Rotary Status Register
0
A write to this register is ignored, and has no effect
Rotary is released or is not enabled
1
0
0
0
0
0
0
0
0
Rotary is in position North (N)
0
0
0
1
0
0
0
0
Rotary is in position NNE
0
0
0
1
0
0
0
1
Rotary is in position NE
0
0
0
1
0
0
1
0
Rotary is in position NEE
0
0
0
1
0
0
1
1
Rotary is in position East (E)
0
0
0
1
0
1
0
0
Rotary is in position SEE
0
0
0
1
0
1
0
1
Rotary is in position SE
0
0
0
1
0
1
1
0
Rotary is in position SSE
0
0
0
1
0
1
1
1
Rotary is in position South (S)
0
0
0
1
1
0
0
0
Rotary is in position SSW
0
0
0
1
1
0
0
1
Rotary is in position SW
0
0
0
1
1
0
1
0
Rotary is in position SWW
0
0
0
1
1
0
1
1
Rotary is in position West (W)
0
0
0
1
1
1
0
0
Rotary is in position NWW
0
0
0
1
1
1
0
1
Rotary is in position NW
0
0
0
1
1
1
1
0
Rotary is in position NNW
0
0
0
1
1
1
1
1
Table 13. Rotary Configuration Register Format
Register
R/W
Register
Address
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Read Rotary Configuration Register
1
0x03
RotClickEN
0
0
0
RotR RotT
0
RotEN
Write Rotary Configuration Register
0
X
X
X
X
Disable Rotary function entirely
X
X
X
X
X
X
X
X
0
Enable Rotary function
X
X
X
X
X
X
X
1
Disable Rotary touch or press action entering FIFO
X
X
X
X
X
0
X
X
Enable Rotary touch action entering FIFO as values
1'bxxx10000 through 1'bxxx11111
X
X
X
X
X
1
X
1
Disable Rotary release action entering FIFO
X
X
X
X
0
X
X
X
Enable Rotary released action entering FIFO as value
1'bxxx01111
X
X
X
X
1
X
X
1
Rotary touches do not cause the sounder to operate
0
X
X
X
X
X
X
1
Rotary touches operate the sounder
1
X
X
X
X
X
X
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com