Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR081Q Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPR081Q
Description  Touch Pad Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR081Q Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPR081Q Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 16Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 17Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MPR081
Sensors
14
Freescale Semiconductor
Table 17. Sounder Configuration Register Format
Register
R/W
Register Address
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Read Sounder Configuration Register
1
0x07
0
0
0
0
0
SoundD
SoundF
SoundEN
Write Sounder Configuration Register
0
X
X
X
X
X
Globally disable sounder output
1
X
X
X
X
X
X
X
0
Globally enable sounder output
X
X
X
X
X
X
X
1
Sounder frequency is 1 kHz
X
X
X
X
X
X
0
1
Sounder frequency is 2 kHz
X
X
X
X
X
X
1
1
Sounder click period is 10 ms
X
X
X
X
X
0
X
1
Sounder click period is 20 ms
X
X
X
X
X
1
X
1
Table 18. Sleep Period Register Format
Register
R/W
Register
Address
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Read Number of Position Register
1
0x08
Duration of Sleep Cycle
Write Number of Position Register
0
Sleep Mode is disabled, sensor is always running
1
0
0
0
0
0
0
0
0
Sleep period is 10 x touch acquisition sample period
X
X
X
X
0
0
1
0
Sleep period is 20 x touch acquisition sample period
X
X
X
X
0
0
1
1
Sleep period is 30 x touch acquisition sample period
X
X
X
X
0
1
0
0
Sleep period is 40 x touch acquisition sample period
X
X
X
X
0
1
0
1
Sleep period is 50 x touch acquisition sample period
X
X
X
X
0
1
1
0
Sleep period is 60 x touch acquisition sample period
X
X
X
X
0
1
1
1
Sleep period is 70 x touch acquisition sample period
X
X
X
X
1
0
0
0
Sleep period is 80 x touch acquisition sample period
X
X
X
X
1
0
0
1
Sleep period is 90 x touch acquisition sample period
X
X
X
X
1
0
1
0
Sleep period is 100 x touch acquisition sample period
X
X
X
X
1
0
1
0
Idle timeout period is 8 x touch acquisitions sample period
0
0
0
1
X
X
X
X
Idle timeout period is 16 x touch acquisitions sample period
0
0
1
0
X
X
X
X
Idle timeout period is 32 x touch acquisitions sample period
0
0
1
1
X
X
X
X
—all the way through to—
—
—
—
—
—
—
—
—
Idle timeout period is 112 x touch acquisitions sample period
1
1
1
0
X
X
X
X
Idle timeout period is 120 x touch acquisitions sample period
1
1
1
1
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com