Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR081Q Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPR081Q
Description  Touch Pad Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR081Q Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPR081Q Datasheet HTML 3Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
MPR081
Sensors
Freescale Semiconductor
7
SERIAL INTERFACE
SERIAL-ADDRESSING
The MPR081 operates as a slave that sends and receives
data through an I2C 2-wire interface. The interface uses a
serial data line (SDA) and a serial clock line (SCL) to achieve
bi-directional communication between master(s) and
slave(s). A master (typically a microcontroller) initiates all
data transfers to and from the MPR081 and generates the
SCL clock that synchronizes the data transfer.
Figure 4. 2-Wire Serial Interface Timing Details
The MPR081 SDA line operates as both an input and an
open-drain output. A pull-up resistor, typically 4.7 k
Ω, is
required on SDA. The MPR081 SCL line operates only as an
input. A pull-up resistor, typically 4.7 k
Ω, is required on SCL if
there are multiple masters on the 2-wire interface, or if the
master in a single-master system has an open-drain SCL
output.
Each transmission consists of a START condition
(Figure 5) sent by a master, followed by the MPR081's 7-bit
slave address plus R/W bit, a register address byte, one or
more data bytes, and finally a STOP condition.
Figure 5. Start and Stop Conditions
START AND STOP CONDITIONS
Both SCL and SDA remain high when the interface is not
busy. A master signals the beginning of a transmission with a
START (S) condition by transitioning SDA from high to low
while SCL is high. When the master has finished
communicating with the slave, it issues a STOP (P) condition
by transitioning SDA from low to high while SCL is high. The
bus is then free for another transmission.
BIT TRANSFER
One data bit is transferred during each clock pulse
(Figure 6). The data on SDA must remain stable while SCL is
high.
Figure 6. Bit Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com