Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR081Q Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPR081Q
Description  Touch Pad Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR081Q Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPR081Q Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 16Page - Freescale Semiconductor, Inc MPR081Q Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MPR081
Sensors
Freescale Semiconductor
13
Table 14. Sensitivity Register Format
Register
R/W
Register
Address
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Read Number of Position Register
1
0x04
0
0
0
Sensitivity Level
Write Number of Position Register
0
X
X
X
Sensitivity setting is level 1
1
X
X
X
X
X
0
0
0
Sensitivity setting is level 2
X
X
X
X
X
0
0
1
Sensitivity setting is level 3
X
X
X
X
X
0
1
0
Sensitivity setting is level 4
X
X
X
X
X
0
1
1
Sensitivity setting is level 5
X
X
X
X
X
1
0
0
Sensitivity setting is level 6
X
X
X
X
X
1
0
1
Sensitivity setting is level 7
X
X
X
X
X
1
1
0
Table 15. Master Tick Period Register Format
Register
R/W
Register Address
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Read Master Tick Period Register
1
0x05
0
0
0
Master Tick
Write Master Tick Period Register
0
X
X
X
Master Tick Period is 5 ms
X
X
X
X
0
0
0
0
0
Master Tick Period is 6 ms
X
X
X
0
0
0
0
1
Master Tick Period is 7 ms
X
X
X
0
0
0
1
0
Master Tick Period is 8 ms
X
X
X
0
0
0
1
1
- all the way through to -
—
—
—
—
—
—
—
—
Master Tick Period is 33 ms
X
X
X
1
1
1
0
0
Master Tick Period is 34 ms
X
X
X
1
1
1
0
1
Master Tick Period is 35 ms
X
X
X
1
1
1
1
0
Master Tick Period is 36 ms
X
X
X
1
1
1
1
1
Table 16. Touch Acquisition Sample Rate Register Format
Register
Register Address
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Touch Acquisition Sample Rate Register
0x06
Touch Acquisition Sample Rate
Touch acquisition sample rate is 1 master tick period
0x06
X
X
0
0
0
0
0
0
Touch acquisition sample rate is 2 master tick periods
X
X
0
0
0
0
0
1
Touch acquisition sample rate is 3 master tick periods
X
X
0
0
0
0
1
0
Touch acquisition sample rate is 4 master tick periods
X
X
0
0
0
0
1
1
- all the way through to -
—
—
—
—
—
—
—
—
Touch acquisition sample rate is 61 master tick periods
X
X
1
1
1
1
0
0
Touch acquisition sample rate is 62 master tick periods
X
X
1
1
1
1
0
1
Touch acquisition sample rate is 63 master tick periods
X
X
1
1
1
1
1
0
Touch acquisition sample rate is 64 master tick periods
X
X
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com