Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28C16AF/L Datasheet(PDF) 1 Page - Microchip Technology

Part # 28C16AF/L
Description  16K (2K x 8) CMOS EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

28C16AF/L Datasheet(HTML) 1 Page - Microchip Technology

  28C16AF/L Datasheet HTML 1Page - Microchip Technology 28C16AF/L Datasheet HTML 2Page - Microchip Technology 28C16AF/L Datasheet HTML 3Page - Microchip Technology 28C16AF/L Datasheet HTML 4Page - Microchip Technology 28C16AF/L Datasheet HTML 5Page - Microchip Technology 28C16AF/L Datasheet HTML 6Page - Microchip Technology 28C16AF/L Datasheet HTML 7Page - Microchip Technology 28C16AF/L Datasheet HTML 8Page - Microchip Technology 28C16AF/L Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
 2004 Microchip Technology Inc.
DS11125J-page 1
FEATURES
• Fast Read Access Time—150 ns
• CMOS Technology for Low Power Dissipation
- 30 mA Active
- 100
µA Standby
• Fast Byte Write Time—200
µs or 1 ms
• Data Retention >200 years
• High Endurance - Minimum 104 Erase/Write Cycles
• Automatic Write Operation
- Internal Control Timer
- Auto-Clear Before Write Operation
- On-Chip Address and Data Latches
•Data polling
• Chip Clear Operation
• Enhanced Data Protection
-VCC Detector
- Pulse Filter
- Write Inhibit
• Electronic Signature for Device Identification
• 5-Volt-Only Operation
• Organized 2Kx8 JEDEC Standard Pinout
• 24-pin Dual-In-Line Package
• 32-pin PLCC Package
• Available for Extended Temperature Ranges:
- Commercial: 0°C to +70°C
- Industrial: -40°C to +85°C
DESCRIPTION
The Microchip Technology Inc. 28C16A is a CMOS 16K
non-volatile electrically Erasable PROM. The 28C16A
is accessed like a static RAM for the read or write
cycles without the need of external components. Dur-
ing a “byte write”, the address and data are latched
internally, freeing the microprocessor address and data
bus for other operations.
Following the initiation of
write cycle, the device will go to a busy state and auto-
matically clear and write the latched data using an
internal control timer. To determine when a write cycle
is complete, the 28C16A uses Data polling. Data poll-
ing allows the user to read the location last written to
when the write operation is complete. CMOS design
and processing enables this part to be used in systems
where reduced power consumption and reliability are
required. A complete family of packages is offered to
provide the utmost flexibility in applications.
PACKAGE TYPES
BLOCK DIAGRAM
• Pin 1 indicator on PLCC on top of package
A6
A5
A4
A3
A2
A1
A0
NC
I/O0
A8
A9
NC
NC
OE
A10
CE
I/O7
I/O6
29
28
27
26
25
24
23
22
21
5
6
7
8
9
10
11
12
13
• 1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
V
Vcc
A8
A9
WE
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
SS
I/O0
I/O7
Input/Output
Buffers
Chip Enable/
Output Enable
Control Logic
CE
OE
Data Protection
Circuitry
A10
Y Gating
16K bit
Cell Matrix
X
Decoder
Y
Decoder
A0
Data
Poll
Auto Erase/Write
Timing
VCC
VSS
WE
L
a
t
c
h
e
s
Program Voltage
Generation
28C16A
16K (2K x 8) CMOS EEPROM
Obsolete Device


Similar Part No. - 28C16AF/L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
28C16A MICROCHIP-28C16A Datasheet
64Kb / 8P
16K (2K x 8) CMOS EEPROM
1996
More results

Similar Description - 28C16AF/L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
Nov-1997
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
CMOS 16K (2K x 8) Static RAM
logo
ATMEL Corporation
AT28BV16 ATMEL-AT28BV16 Datasheet
398Kb / 8P
16K 2K x 8 Battery-Voltage CMOS E2PROM
AT28C16 ATMEL-AT28C16 Datasheet
581Kb / 9P
16K 2K x 8 CMOS E2PROM
AT28C17 ATMEL-AT28C17 Datasheet
605Kb / 9P
16K 2K x 8 CMOS E2PROM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
CMOS STATIC RAM 16K (2K x 8 BIT)
logo
Microchip Technology
28C16A MICROCHIP-28C16A Datasheet
64Kb / 8P
16K (2K x 8) CMOS EEPROM
1996
28C17A MICROCHIP-28C17A Datasheet
67Kb / 8P
16K (2K x 8) CMOS EEPROM
1996
logo
Renesas Technology Corp
X4163 RENESAS-X4163 Datasheet
880Kb / 22P
16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com