Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940JC/W Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM79C940JC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940JC/W Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM79C940JC/W Datasheet HTML 17Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 18Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 19Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 20Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 21Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 22Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 23Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 24Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 144 page
background image
Am79C940
21
RXDAT Configuration
Notes:
1. PORTSEL [1–0] and ENPLSIO are located in the PLS Configuration Control register (REG ADDR 14).
2. This pin should be externally terminated, if unused, to reduce power consumption.
RXCRS Configuration
Notes:
1. PORTSEL [1–0] and ENPLSIO are located in the PLS Configuration Control register (REG ADDR 14).
2. This pin should be externally terminated, if unused, to reduce power consumption.
DXCVR
Disable Transceiver (Output)
An output from the MACE device to indicate the net-
work port in use, as programmed by the ASEL bit or the
PORTSEL [1–0] bits. The output is provided to allow
power down of an external DC-to-DC converter, typi-
cally used to provide the voltage requirements for an
external 10BASE2 transceiver.
When the Auto Select (ASEL) feature is enabled, the
state of the PORTSEL [1–0] bits is overridden, and the
network interface will be selected by the MACE device,
dependent only on the status of the 10BASE-T link. If
the link is active (LNKST pin driven LOW) the
10BASE-T port will be used as the active network inter-
face. If the link is inactive (LNKST pin pulled HIGH) the
AUI port will be used as the active network interface.
Auto Select will continue to operate even when the
SLEEP pin is asserted if the RWAKE bit has been set.
The AWAKE bit does not allow the Auto Select func-
tion, and only the receive section of 10BASE-T port will
be active (DXCVR = HIGH).
Active (HIGH) when either the 10BASE-T or DAI port
is selected. Inactive (LOW) when the AUI or GPSI port
is selected.
SLEEP
PORTSEL
[1–0]
ENPLSIO
Interface Description
Pin Function
0
XX
X
Sleep Mode
High Impedance
1
00
1
AUI
High Impedance (Note 2)
1
01
1
10BASE-T
High Impedance (Note 2)
1
10
1
DAI Port
RXDAT Input
1
11
1
GPSI
RXDAT Input
1
XX
0
Status Disabled
High Impedance (Note 2)
SLEEP
PORTSEL
[1-0]
ENDPLSIO
Interface Description
Pin Function
0
XX
X
Sleep Mode
High Impedance
1001
AUI
RXCRS Output
1
01
1
10BASE-T
RXCRS Output
1
10
1
DAI Port
RXCRS Output
1
11
1
GPSI
RXCRS Output
1
XX
0
Status Disabled
High Impedance (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com