Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940JC/W Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # AM79C940JC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940JC/W Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AM79C940JC/W Datasheet HTML 29Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 30Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 31Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 32Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 33Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 34Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 35Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 36Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 144 page
background image
Am79C940
33
TDTREQ would remain de-asserted. Hence for byte
wide data transfers, the XMTFW should be pro-
grammed to the 8 or 16 write cycle limit, or the host
should ensure that sufficient data will be written to the
XMTFIFO after TDTREQ has been de-asserted (which
is permitted), to guarantee that the transmission will
commence. A third alternative is to program the Trans-
mit Start Point (XMTSP) in the BIU Configuration Con-
trol register to below the 64-byte default; thereby
imposing a lower latency to the host system requiring
additional data to ensure the XMTFIFO does not
underflow during the transmit process, versus using
the default XMTSP value. Note that if 64 single byte
writes are executed on the XMTFIFO, and the XMTSP
is set to 64-bytes, the transmission will commence, and
all 64-bytes of information will be accepted by
the XMTFIFO.
The number of write cycles that the host uses to write
the packet into the Transmit FIFO will also directly in-
fluence the amount of space utilized by the transmit
message. If the number of write cycles (n) required to
transfer a packet to the Transmit FIFO is even, the
number of bytes used in the Transmit FIFO will be 2*n.
If the number of write cycles required to transfer a
packet to the Transmit FIFO is odd, the number of
bytes used in the Transmit FIFO will be 2*n + 2 be-
cause the End Of Frame indication in the XMTFIFO is
always placed at the end of a 4-byte boundary. For ex-
ample, a 32-byte message written as bytes (n = 32 cy-
cles) will use 64-bytes of space in the Transmit FIFO
(2*n = 64), whereas a 65-byte message written as 32
words and 1 byte (n = 33 cycles) would use 68-bytes
(2*n + 2 = 68) .
The Transmit FIFO has been sized appropriately to
minimize the system interface overhead. However,
consideration must be given to overall system design if
byte writes are supported. In order to guarantee that
sufficient space is present in the XMTFIFO to accept
the number of write cycles programmed by the XMTFW
(including an End Of Frame delimiter), TDTREQ may
go inactive before the XMTSP threshold is reached
when using the non burst mode (XMTBRST = 0). For
instance, assume that the XMTFW is programmed to
allow 32 write cycles (default), and XMTSP is pro-
grammed to require 64 bytes (default) before starting
transmission. Assuming that the host bursts the trans-
mit data in a 32 cycle block, writing a single byte any-
where within this block will mean that XMTSP will not
have been reached. This would be a typical scenario if
the transmit data buffer was not aligned to a word
boundary. The MACE device will continue to assert
TDTREQ since an additional 36 write cycles can still be
executed. If the host starts a second burst, the XMTSP
will be reached, and TDTREQ will deassert when less
that 32 write cycle can be performed although the data
written by the host will continue to be accepted.
The host must be aware that additional space exists in
the XMTFIFO although TDTREQ becomes inactive,
and must continue to write data to ensure the XMTSP
threshold is achieved. No transmit activity will com-
mence until the XMTSP threshold is reache d.
Once 36 write cycles have been executed.
Note that write cycles can be performed to the XMT-
FIFO even if the TDTREQ is inactive. When TDTREQ
is asserted, it guarantees that a minimum amount of
space exists, when TDTREQ is deasserted, it does not
necessarily indicate that there is no space in the XMT-
FIFO. The DTV pin will indicate the successful accep-
tance of data by the Transmit FIFO.
As another example, assume again that the XMTFW is
programmed for 32 write cycles. If the host writes word
wide data continuously to the XMTFIFO, the TDTREQ
will deassert when 36 writes have executed on the
XMTFIFO, at which point 72-bytes will have been writ-
ten to the XMTFIFO, the 64-byte XMTSP will have
been exceeded and the transmission of preamble will
have commenced. TDTREQ will not re-assert until the
transmission of the packet data has commenced and
the possibility of losing data due to a collision within the
slot time is removed (512 bits have been transmitted
without a collision indication). Assuming that the host
actually stopped writing data after the initial 72-bytes,
there will be only 16-bytes of data remaining in the
XMTFIFO (8-bytes of preamble/SFD plus 56-bytes of
data have been transmitted), corresponding to 12.8
µs
of latency before an XMTFIFO underrun occurs. This
latency is considerably less than the maximum possi-
ble 57.6
µs the system may have assumed. If the host
had continued with the block transfer until 64 write
cycles had been performed, 128-bytes would have
been written to the XMTFIFO, and 72-bytes of latency
would remain (57.6
µs) when TDTREQ was re-as-
serted.
Transmit FIFO—Burst Operation
The XMTFIFO burst mode, programmed by the XMT-
BRST bit in the FIFO Configuration Control register,
modifies TDTREQ behavior. The assertion of TDTREQ
is controlled by the programming of the XMTFW bits,
such that when the specified number of write cycles
can be guaranteed (8, 16 or 32), TDTREQ will be as-
serted. TDTREQ will be de-asserted when the
XMT FIFO can only accept a single write cycle (one
word write including an End Of Frame delimiter) allow-
ing the external device to burst data into the XMTFIFO
when TDTREQ is asserted, and stop when TDTREQ
is deasserted.
Receive FIFO—General Operation
The Receive FIFO contains additional logic to ensure
that sufficient data is present in the RCVFIFO to allow
the specified number of bytes to be read, regardless of
the ordering of byte/word read accesses. This has an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com