Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940JC/W Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # AM79C940JC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940JC/W Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AM79C940JC/W Datasheet HTML 26Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 27Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 28Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 29Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 30Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 31Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 32Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 33Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 144 page
background image
30
Am79C940
FUNCTIONAL DESCRIPTION
The Media Access Controller for Ethernet (MACE) chip
embodies the Media Access Control (MAC) and Phys-
ical Signaling (PLS) sub-layers of the 802.3 Standard.
The MACE device provides the IEEE defined Attach-
ment Unit Interface (AUI) for coupling to remote Media
Attachment Units (MAUs) or on-board transceivers.
The MACE device also provides a Digital Attachment
I n te r f ace ( D AI) , by-p a ssing t he d i f f er e n tia l
AUI interface.
The system interface provides a fundamental data
conduit to and from an 802.3 network. The MACE de-
vice in conjunction with a user defined DMA engine,
provides an 802.3 interface tailored to a specific
application.
In addition, the MACE device can be combined with
simila rly architected periphe ral d evices an d a
multi-channel DMA controller, thereby providing the
system with access to multiple peripheral devices with
a single master interface to memory.
Network Interfaces
The MACE device can be connected to an 802.3 net-
work using any one of the AUI, 10 BASE-T, DAI and
GPSI network interfaces. The Attachment Unit Inter-
face (AUI) provides an IEEE compliant differential in-
terface to a remote MAU or an on-board transceiver.
An integrated 10BASE-T MAU provides a direct inter-
face for twisted pair Ethernet networks. The DAI port
can connect to local transceiver devices for 10BASE2,
10BASE-T or 10BASE-F connections. A General Pur-
pose Serial Interface (GPSI) is supported, which effec-
tively bypasses the integrated Manchester encoder/
decoder, and allows direct access to/from the integral
802.3 Media Access Controller (MAC) to provide sup-
port for external encoding/decoding schemes. The in-
terface in use is determined by the PORTSEL [1-0] bits
in the PLS Configuration Control register.
The EADI port does not provide network connectivity,
but allows an optional external circuit to assist in
receive packet accept/reject.
System Interface
The MACE device is a slave register based peripheral.
All transfers to and from the device, including data, are
performed using simple memory or I/O read and write
commands. Access to all registers, including the Trans-
mit and Receive FIFOs, are performed with identical
read or write timing. All information on the system inter-
face is synchronous to the system clock (SCLK), which
allows simple external logic to be designed to
interrogate the device status and control the network
data flow.
The Receive and Transmit FIFOs can be read or writ-
ten by driving the appropriate address lines and assert-
ing CS and R/W. A n alter nati ve F I FO ac cess
mechanism allows the use of the FDS and the R/W
lines, ignoring the address lines (ADD4-0). The state of
the R/W line in conjunction with the FDS input deter-
mines whether the Receive FIFO is read (R/W high) or
the Transmit FIFO written (R/W low). The MACE de-
vice system interface permits interleaved transmit and
receive bus transfers, allowing the Transmit FIFO to be
filled (primed) while a frame is being received from the
network and/or read from the Receive FIFO.
In receive operation, the MACE device asserts Receive
Data Transfer Request (RDTREQ) when the FIFO con-
tains adequate data. For the first indication of a new
receive frame, 64 bytes must be received, assuming
normal operation. Once the initial 64 byte threshold has
been reached, RDTREQ assertion and de-assertion is
dependent on the programming of the Receive FIFO
Watermark (RCVFW bits in the BIU Configuration Con-
trol register). The RDTREQ can be programmed to
activate when there are 16, 32 or 64 bytes of data avail-
able in the Receive FIFO. Enable Receive (ENRCV bit
in MAC Configuration Control register) must be set to
assert RDTREQ. If the Runt Packet Accept feature is
invoked (RPA bit in User Test Register), RDTREQ will
be asserted for receive frames of less than 64 bytes on
the basis of internal and/or external address match
only. When RPA is set, RDTREQ will be asserted when
the entire frame has been received or when the initial
64 byte threshold has been exceeded. See the FIFO
Sub-Systems section for further details.
Note that the Receive FIFO may not contain 64 data
bytes at the time RDTREQ is asserted, if the automatic
pad stripping feature has been enabled (ASTRP RCV
bit in the Receive Frame Control register) and a mini-
mum length packet with pad is received. The MACE
device will check for the minimum received length from
the network, strip the pad characters, and pass only the
data frame through the Receive FIFO.
If the Low Latency Receive feature is enabled (LLRCV
bit set in Receive Frame Control Register), RDTREQ
will be asserted once a low watermark threshold has
been reached (12 bytes plus some additional synchro-
nization time). Note that the system interface will there-
fore be exposed to potential disruption of the receive
frame due to a network condition (see the FIFO
Sub-System description for additional details).
In transmit operation, the MACE device asserts Trans-
mit Data Transfer Request (TDTREQ) dependent on
the programming of the Transmit FIFO Watermark
(XMTFW bits in the BIU Configuration Control register).
TDTREQ will be permanently asserted when the
Transmit FIFO is empty. The TDTREQ can be pro-
grammed to activate when there are 16, 32 or 64 bytes
of space available in the Transmit FIFO. Enable Trans-
mit (ENXMT bit in MAC Configuration Control register)
must be set to assert TDTREQ. Write cycles to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com