Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940JC/W Datasheet(PDF) 71 Page - Advanced Micro Devices

Part # AM79C940JC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940JC/W Datasheet(HTML) 71 Page - Advanced Micro Devices

Back Button AM79C940JC/W Datasheet HTML 67Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 68Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 69Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 70Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 71Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 72Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 73Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 74Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 75Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 144 page
background image
71
Physical Address
(PADR [47-00])
(REG ADDR 21
)
This 48-bit value represents the unique node value
assigned by the IEEE and used for internal address
comparison. After a hardware or software reset and
before the ENRCV bit in the MAC Configuration Con-
trol register has been set, the Physical Address can be
accessed by setting the PHYADDR bit in the Internal
Address Configuration register (REG ADDR 18) and
then by performing 6 reads or writes to the Physical
Address. Once ENRCV has been set, the ADDRCHG
bit in the Internal Address Configuration register must
be set and be polled until it is cleared by the MACE
device before setting the PHYADDR bit and before
accessing of the Physical Address is allowed. The first
bit of the incoming address must be a 0 for a physical
address. The incoming address is compared against
the value stored in the Physical Address register at ini-
tialization provided that the DRCVPA bit in the MAC
Configuration Control register is cleared.
Missed Packet Count (MPC)
(REG ADDR 24)
The Missed Packet Count (MPC) is a read only 8-bit
counter. The MPC is incremented when the receiver is
unable to respond to a packet which would have nor-
mally been passed to the host. The MPC will be reset
to zero when read. The MACE device will be deaf to
receive traffic due to any of the following conditions:
s The host disabled the receive function by clearing
the ENRCV bit in the MAC Configuration Control
register.
s A Receive FIFO overflow condition exists, and must
be cleared by reading the Receive FIFO and the
Receive Frame Status.
s The Receive Frame Count (RCVFC) in the FIFO
Frame Count register exceeds its maximum value,
indicating that greater than 15 frames are in the
Receive FIFO.
If the number of received frames that have been
missed exceeds 255, the MPC will roll over and con-
tinue counting from zero, the MPCO (Missed Packet
Count Overflow) bit in the Interrupt Register will be set
(at the value 255), and the INTR pin will be asserted
providing that MPCOM (Missed Packet Count Overflow
Mask) in the Interrupt Mask Register is clear. MPCOM
will be cleared (the interrupt will be unmasked) after a
hardware or software reset.
Note that the following conditions apply to the MPC:
s After hardware or software reset, the MPC will not
increment until the first time the receiver is enabled
(ENRCV = 1). Once the receiver has been enabled,
the MPC will count all missed packet events,
regardless of the programming of ENRCV.
s The packet must pass the internal address match to
be counted. Any of the following address match
conditions will increment MPC while the receiver is
deaf:
Physical Address match;
Logical Address match;
Broadcast reception;
Any receive in promiscuous mode (PROM = 1 in the
MAC Configuration Control register);
EADI feature match mode and EAM is asserted;
EADI feature reject mode and EAR is not asserted.
s Any packet which suffers a collision within the slot
time will not be counted.
s Runt packets will not be counted unless RPA in the
User Test Register is enabled.
s Packets which pass the address match criteria but
experience FCS or Framing errors will be counted,
since they are normally passed to the host.
Runt Packet Count (RNTPC)
(REG ADDR 26)
The Runt Packet Count (RNTPC) is a read only 8-bit
counter, incremented when the receiver detects a runt
packet that is addressed to this node. Runt packets are
defined as received frames which passed the internal
address match criteria but did not contain a minimum
of 64-bytes of data after SFD. Note that the RNTPC
value returned in the Receive Frame Status (RFS2) will
freeze at a value of 255, whereas this register based
version of RNTPC is free running. The value will roll
over after 255 runt packets have been detected, setting
the RNTPCO bit (in the Interrupt Register and assert-
ing the INTR pin if the corresponding mask bit (RNTP-
COM in the Interrupt Mask Register) is cleared.
RNTPC will be reset to zero when read.
Receive Collision Count (RCVCC)(REG ADDR 27)
The Receive Collision Count (RCVCC) is a read only
8-bit counter, incremented when the receiver detects a
collision on the network. Note that the RCVCC value
returned in the Receive Frame Status (RFS3) will
freeze at a value of 255, whereas this register based
version of RCVCC is free running. The value will roll
over after 255 receive collisions have been detected,
setting the RCVCCO bit (in the Interrupt Register and
asserting the INTR pin if the corresponding mask bit
(RCVCCOM in the Interrupt Mask Register) is cleared.
RCVCC will be reset to zero when read.
User Test Register (UTR)
(REG ADDR 29)
The User Test Register is used to put the chip into test
configurations. All bits within the Test Register are
cleared upon a hardware or software reset. Bit
assignments are as follows:
PADR [47–00]
MPC [7–0]
RTRE
RTRD
RPA
FCOLL
RCVFCSE
LOOP [1-0]
FD_TEST
RNTPC [7–0]
RCVCC [7–0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com