Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940JC/W Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM79C940JC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940JC/W Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM79C940JC/W Datasheet HTML 28Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 29Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 30Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 31Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 32Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 33Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 34Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 35Page - Advanced Micro Devices AM79C940JC/W Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 144 page
background image
32
Am79C940
that the last byte is transferred over is irrelevant,
providing the appropriate byte enable is used. For
BSWP = 0, data can be presented on DBUS7-0
using BE0 or DBUS15-8 using BE1. For BSWP =
1, data can be presented on DBUS7-0 using BE1
or DBUS15-8 using BE0.
(f) When neither BE0 nor BE1 are asserted, no data
transfer will take place. DTV will not be asserted.
Byte Alignment For FIFO Read Operations
Byte Alignment For FIFO Write Operations
BIU to Control and Status
Register Data Path
All registers in the address range 2-31 are 8-bits wide.
When a read cycle is executed on any of these regis-
ters, the MACE device will drive data on both bytes of
the data bus, regardless of the programming of BSWP.
When a write cycle is executed, the MACE device
strobes in data based on the programming of BSWP as
shown in the tables below. All accesses to addresses
2-31 are independent of the BE0 and BE1 pins.
Byte Alignment For Register Read Operations
Byte Alignment For Register Write Operations
FIFO Subsystem
The MACE device has two independent FIFOs, with
128-bytes for receive and 136-bytes for transmit oper-
ations. The FIFO sub-system contains both the FIFOs,
and the control logic to handle normal and exception
related conditions.
The Transmit and Receive FIFOs interface on the net-
work side with the serializer/de-serializer in the MAC
engine. The BIU provides access between the FIFOs
and the host system to enable the movement of data to
and from the network.
Internally, the FIFOs appear to the BIU as independent
16-bit wide registers. Bytes or words can be written to
the Transmit FIFO (XMTFIFO), or read from the
Receive FIFO (RCVFIFO). Byte and word transfers
can be mixed in any order. The BIU will ensure correct
byte ordering dependent on the target host system, as
determined by the programming of the BSWP bit in the
BIU Configuration Control register.
The XMTFIFO and RCVFIFO have three different
modes of operation. These are Normal (Default), Burst
and Low Latency Receive. Default operation will be
used after the hardware RESET pin or software
SWRST bit have been activated. The remainder of this
general description applies to all modes except where
specific differences are noted.
Transmit FIFO—General Operation
When writing bytes to the XMTFIFO, certain restric-
tions apply. These restrictions have a direct influence
on the latency provided by the FIFO to the host system.
When a byte is written to the FIFO location, the entire
word location is used. The unused byte is marked as a
hole in the XMTFIFO. These holes are skipped during
the serialization process performed by the MAC
engine, when the bytes are unloaded from the
XMTFIFO.
For instance, assume the Transmit FIFO Watermark
(XMTFW) is set for 32 write cycles. If the host writes
byte wide data to the XMTFIFO, after 36 write cycles
there will be space left in the XMTFIFO for only 32
more write cycles. Therefore TDTREQ will de-assert
even though only 36-bytes of data have been loaded
into the XMTFIFO. Transmission will not commence
until 64-bytes or the End-of-Frame are available in the
XMFIFO, so transmission would not start, and
BE0
BE1
BSWP
DBUS7-0
DBUS15-8
00
0
n
n+1
01
0
n
n
10
0
n
n
11
0
X
X
00
1
n+1
n
01
1
n
n
10
1
n
n
11
1
X
X
BE0
BE1
BSWP
DBUS7-0
DBUS15-8
00
0
n
n+1
01
0
n
X
10
0
X
n
11
0
X
X
00
1
n+1
n
01
1
X
n
10
1
n
X
11
1
X
X
BE0
BE1
BSWP
DBUS7-0
DBUS15-8
XX
0
Read
Data
Read
Data
XX
1
Read
Data
Read
Data
BE0
BE1
BSWP
DBUS7-0
DBUS15-8
XX
0
Write
Data
X
XX
1
X
Write
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com